Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 159Page - STMicroelectronics ST92195D Datasheet HTML 160Page - STMicroelectronics ST92195D Datasheet HTML 161Page - STMicroelectronics ST92195D Datasheet HTML 162Page - STMicroelectronics ST92195D Datasheet HTML 163Page - STMicroelectronics ST92195D Datasheet HTML 164Page - STMicroelectronics ST92195D Datasheet HTML 165Page - STMicroelectronics ST92195D Datasheet HTML 166Page - STMicroelectronics ST92195D Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 249 page
background image
163/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
The ACQAD1R, ACQAD0R registers are 2 read/
write registers that define the current address val-
ue, in 13 bits as follows:
ACQUISITION
ADDRESS
REGISTER
1
(ACQAD1R)
R242 - Read/Write
Register Page: 34
Reset value : 000x xxxx (xxh)
Bits 7:5 = Reserved bits. They must be left at their
reset value.
Bits 4:0 = AD[12:8]: The register content is the ad-
dress of the next free location in TDSRAM. The
address is automatically incremented by hard-
ware. It could be modified by software after each
VBI.
ACQUISITION
ADDRESS
REGISTER
0
(ACQAD0R)
R243 - Read/Write
Register Page: 34
Reset value: xxxx xxxx (xxh)
Bits 7:0 = AD[7:0]: The register content is the ad-
dress of the next free location in TDSRAM. The
address is automatically incremented by hard-
ware. It could be modified by software after each
VBI.
TELETEXT SLICER CONTROL REGISTER
(TXSCR)
R248 - Read/Write
Register Page: 35
Reset value: 0000 0110 (06h)
Bit 7 = TXTEN:
Teletext slicer enable.
0: Disables the Teletext Slicer; all analog functions
are in zero power consumption (reset state).
1: Starts the Slicer function.
Bit 6 = TXTES:
Teletext extended search.
0: Run-in Clock search starts from line 6 or 318.
1: Run-in Clock search starts at line 2 (first field)
and line 315 (second field).
Bits 5:4 = TXTGC: Teletext Pre-amplifier Gain
Control bits. These two bits control the effective
gain of the pre-amplifier stage inserted between
the CVBS1 signal input and the Teletext Slicer
comparator input. (Refer to the ADSEL bit in the
PASR register)
Bit 3 = Reserved (read only).
Bits 2:0 = Reserved bits, keep in reset state.
70
0
0
0
AD12
AD11
AD10
AD9
AD8
70
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
70
TXTEN TXTES
TXTGC
1
TXTGC
0
-1
1
0
TXTGC1
TXTGC0
Pre-amplifier Gain Value
0
0
1.2
0
1
2.0
1
0
3.0
1
1
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com