Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 164Page - STMicroelectronics ST92195D Datasheet HTML 165Page - STMicroelectronics ST92195D Datasheet HTML 166Page - STMicroelectronics ST92195D Datasheet HTML 167Page - STMicroelectronics ST92195D Datasheet HTML 168Page - STMicroelectronics ST92195D Datasheet HTML 169Page - STMicroelectronics ST92195D Datasheet HTML 170Page - STMicroelectronics ST92195D Datasheet HTML 171Page - STMicroelectronics ST92195D Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 249 page
background image
168/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
7.8.4 About Wide-Screen-Signaling (WSS)
The main purpose of the WSS signal is to define
the aspect ratio and format of the current television
signal. This signal is needed with the use of 16:9
displays where both 4:3 and 16:9 transmissions
may be present at the same time on different
channels. The information contained in WSS de-
fines the transmitted aspect ratio and the recom-
mended display format so that the television will
automatically adjust the display for optimal view-
ing.
The WSS signal contains digital data on the first
half of line 23 of a transmitted PAL/SECAM video
signal. The WSS signal is intended to be recorded
on a video cassette recorder (VCR) during normal
recording to keep the encoded aspect ratio infor-
mation together with the program of interest. The
automatic switching of the television would occur
during the playback of the previously recorded
program. In order to support double WSS writing,
the system may slice on both lines 22 and 23. The
registers have been duplicated to deliver a second
line of WSS if available.
The signal is defined by 137 “200ns” elements for
a total of 27.4µs and is one third the VPS rate to al-
low recovery of data from VCR tapes. WSS has an
effective clock of only 1.66MHz but is still defined
using the same 5MHz clock used in the VPS sys-
tem.
7.8.5 WSS Signal Content
The parts of the signal are summarized below:
Word 1: Run-in
(1.1111.0001.1100.0111.0001.1100.0111)
29 elements @ 5MHz
The run-in word is 1F1C71C7(h) using a 5MHz
clock.
Word 2: Start code
(0001.1110.0011.1100.0001.1111)
24 elements @ 5MHz
The start code helps to define the presence of
WSS to synchronize the following data stream.
The
signal
consists
of
1E3C1F(h)
or
000111100011110000011111
using
a
5MHz
clock.
If the start code is not recognised 14.3 +/- 0.2 µs
after the WSSWin rising edge, the system waits for
the next WSSWin to find a Start code.
Data Bits Purpose Bi-phase Encoding Dura-
tion(1.2
Data Group 1 Bits:
B(0) Aspect Ratio Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(1) Aspect Ratio Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(2) Aspect Ratio Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(3) Aspect Ratio Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
Data Group 2 Bits:
B(4) Enhanced Services Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(5) Enhanced Services Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(6) Enhanced Services Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(7) Enhanced Services Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
Data Group 3 Bits:
B(8) Subtitles Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(9) Subtitles Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(10) Subtitles Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
Data Group 4 Bits:
B(11) Reserved Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(12) Reserved Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
B(13) Reserved Bit
(0=000111 or 1=111000) 6 elements @ 5MHz
The WSS signal ends on the first half of line 23.
Total time = 137 elements @ 5 MHz. The second
half of line 23 contains video that is not related to
WSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com