Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 166Page - STMicroelectronics ST92195D Datasheet HTML 167Page - STMicroelectronics ST92195D Datasheet HTML 168Page - STMicroelectronics ST92195D Datasheet HTML 169Page - STMicroelectronics ST92195D Datasheet HTML 170Page - STMicroelectronics ST92195D Datasheet HTML 171Page - STMicroelectronics ST92195D Datasheet HTML 172Page - STMicroelectronics ST92195D Datasheet HTML 173Page - STMicroelectronics ST92195D Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 249 page
background image
170/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
7.8.7 Register Description
VPS STATUS REGISTER (VPSSR)
R240 - Read Only/Reset by writing
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7 = Reserved.
Bit 6 = NWDATVP:
New data in all five data regis-
ters. Data will be written into this register with or
without bi-phase errors. The error bit for each byte
of data should be checked to validate any data.
Reset by writing to this register or by the leading
edge of VPS Window. This flag will only be set
when the number of bits saved is correct for the
time expected for those bits.
Bit 5 = VFRMVPS:
Valid Framing code for VPS.
This bit is set when the framing code is error free.
Reset by the leading edge of VPS window.
Bit 4 = ERB5:
Error in Byte for VPSD4R
Data was written but a bi-phase error was detect-
ed. Set by hardware when there is an error. The
user must reset it by software.
Bit 3 = ERB4:
Error in Byte for VPSD3R
Data was written but a bi-phase error was detect-
ed. Set by hardware when there is an error. The
user must reset it by software.
Bit 2= ERB3:
Error in Byte for VPSD2R
Data was written but a bi-phase error was detect-
ed. Set by hardware when there is an error. The
user must reset it by software.
Bit 1 = ERB2:
Error in Byte for VPSD1R (R/W)
Data was written but a bi-phase error was detect-
ed. Set by hardware when there is an error. The
user must reset it by software.
Bit 0 = ERB1:
Error in Byte for VPSD0R (R/W)
Data was written but a bi-phase error was detect-
ed. Set by hardware when there is an error. The
user must reset it by software
VPS DATA REGISTER 0 (VPSD0R)
R241 - Read Only
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7:6 = SD[1:0]:
Sound Bits.
Bit 5:4 = RR[1:0]:
R-Rating bits for flag to show
the material may not be suitable for children.
Bit 3:0 = RX[3:0]: Reserved bits for future sound
applications. Presently not defined.
VPS DATA REGISTER 1 (VPSD1R)
R242 - Read Only
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7:6 = ID[1:0]:
Identification of the address for
this VPS line.
Bit 5:1 = ADT[4:0]:
Announced day of transmis-
sion.
Bit 0 = AMT3:
Announced month of transmission.
VPS DATA REGISTER 2 (VPSD2R)
R243 - Read Only
Register Page: 6
Reset value: 0000 0000 (00h)
b7:5 = AMT[2:0]:
Announced month of transmis-
sion.
Bit 4:0 = ASH[4:0]:
Announced start of item,
HOUR.
70
-
NWDA
TVP
VFRM
VPS
ERB5
ERB4
ERB3
ERB2 ERB1
70
SD1
SD0
RR1
RR0
RX3
RX2
RX1
RX0
70
ID1
ID0
ADT4
ADT3
ADT2
ADT1
ADT0 AMT3
70
AMT2 AMT1 AMT0
ASH4
ASH3
ASH2
ASH1 ASH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com