Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 177Page - STMicroelectronics ST92195D Datasheet HTML 178Page - STMicroelectronics ST92195D Datasheet HTML 179Page - STMicroelectronics ST92195D Datasheet HTML 180Page - STMicroelectronics ST92195D Datasheet HTML 181Page - STMicroelectronics ST92195D Datasheet HTML 182Page - STMicroelectronics ST92195D Datasheet HTML 183Page - STMicroelectronics ST92195D Datasheet HTML 184Page - STMicroelectronics ST92195D Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 249 page
background image
181/249
ST92195C/D - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
7.9.8 IM-bus Interface
The IM-bus features a bidirectional data line and a
clock line; in addition, it requires an IDENT line to
distinguish an address byte from a data byte (Fig-
ure 101). Unlike the I2C-bus protocol, the IM-bus
protocol sends the least significant bit first; this re-
quires a software routine which reverses the bit or-
der before sending, and after receiving, a data
byte. Figure 100 shows the connections between
an IM-bus peripheral and an ST9 SPI. The SDO
and SDI pins are connected to the bidirectional
data pin of the peripheral device. The SDO alter-
nate function is configured as Open-Drain (exter-
nal 2.5K
Ω pull-up resistors are required).
With this type of configuration, data is sent to the
peripheral by writing the data byte to the SPIDR
register. To receive data from the peripheral, the
user should write FFh to the SPIDR register, in or-
der to generate the shift clock pulses. As the SDO
line is set to the Open-Drain configuration, the in-
coming data bits that are set to “1” do not affect the
SDO/SDI line status (which defaults to a high level
due to the FFh value in the transmit register), while
incoming bits that are set to “0” pull the input line
low.
In software it is necessary to initialise the ST9 SPI
by setting both CPOL and CPHA to “1”. By using a
general purpose I/O as the IDENT line, and forcing
it to a logical “0” when writing to the SPIDR regis-
ter, an address is sent (or read). Then, by setting
this bit to “1” and writing to SPIDR, data is sent to
the peripheral. When all the address and data
pairs are sent, it is necessary to drive the IDENT
line low and high to create a short pulse. This will
generate the stop condition.
Figure 101. ST9 and IM-bus Peripheral
n
Figure 102. IM bus Timing
VDD
SCK
SDI
SDO
ST9 MCU
IM-BUS
CLOCK
DATA
IDENT
IM-BUS
SLAVE
DEVICE
PROTOCOL
PORTX
VR001427
2.5 K
2x
1
2
3
45
6
CLOCK LINE
DATA LINE
1
2
4
3
5
6
MSB
VR000172
MSB
LSB
LSB
IDENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com