Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 181Page - STMicroelectronics ST92195D Datasheet HTML 182Page - STMicroelectronics ST92195D Datasheet HTML 183Page - STMicroelectronics ST92195D Datasheet HTML 184Page - STMicroelectronics ST92195D Datasheet HTML 185Page - STMicroelectronics ST92195D Datasheet HTML 186Page - STMicroelectronics ST92195D Datasheet HTML 187Page - STMicroelectronics ST92195D Datasheet HTML 188Page - STMicroelectronics ST92195D Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 249 page
background image
185/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
7.10.2 General Description
In addition to receiving and transmitting data, this
interface convert them from serial to parallel for-
mat and vice versa. The interface is connected,
through a multiplexer, to one I2C bus among 2 by a
data pin, SDAx, and by a clock pin, SCLx, where x
range value is 1 to 2.
It can be connected both with a standard I2C bus
and a Fast I2C bus. This selection is made by soft-
ware.
7.10.2.1 Mode Selection
The interface can operate in the four following
modes:
– Slave transmitter/receiver
– Master transmitter/receiver
By default, it operates in slave mode.
The interface automatically switches from inactive
slave to master after it generates a START condi-
tion and from master to inactive slave in case of ar-
bitration loss or a STOP generation, this allows
Multi-Master capability.
7.10.2.2 Communication Flow
In Master mode, it initiates a data transfer and
generates the clock signal. A serial data transfer
always begins with a start condition and ends with
a stop condition. Start condition is automatically
generated by the interface when the data register
is loaded by the slave address (see register de-
scription for further details). Stop condition is gen-
erated in master mode by writing by software in
the control register.
In Slave mode, the interface is capable of recog-
nising its own address (7-bit), and the General Call
address. The General Call address detection may
be enabled or disabled by software.
Data and addresses are transferred as 8-bit bytes,
MSB first. The first byte following the start condi-
tion is the address byte; it is always transmitted in
Master mode.
A 9th clock pulse follows the 8 clock cycles of a
byte transfer, during which the receiver must send
an acknowledge bit to the transmitter. Refer to Fig-
ure 1.
The acknowledge may be enabled and disabled
by software.
The speed of the I2C interface may be selected
between Standard (15.625 - 100 kHz), Fast I2C
(100- 400 kHz), or Extended I2C (500 - 800 kHz).
Figure 104. I2C bus protocol
SCL
SDA
12
8
9
MSB
ACK
STOP
START
CONDITION
CONDITION
VR02119B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com