Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 185Page - STMicroelectronics ST92195D Datasheet HTML 186Page - STMicroelectronics ST92195D Datasheet HTML 187Page - STMicroelectronics ST92195D Datasheet HTML 188Page - STMicroelectronics ST92195D Datasheet HTML 189Page - STMicroelectronics ST92195D Datasheet HTML 190Page - STMicroelectronics ST92195D Datasheet HTML 191Page - STMicroelectronics ST92195D Datasheet HTML 192Page - STMicroelectronics ST92195D Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 249 page
background image
189/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
7.10.6 Register Description
OWN ADDRESS REGISTER (I2COAR)
R240 - Read/Write
Register Page: 44
Reset Value: 0000 0000(00h)
Bit 7:1 = ADR[7:1]
Interface Slave Address
These bits are the 7 most significant bits of the 8-
bit address assigned to interface when it works in
slave mode.
Bit 0 = ADR0
Address match bit
This bit selects when the I2C interface becomes
active if it works in slave mode, and if its slave ad-
dress is transmitted on the bus.
0: The interface becomes an active slave when the
7 most significant bits ADR[7:1] match the ad-
dress transmitted by a master.
1: The interface becomes an active slave when
only the 4 most significant bits ADR[7:4] match
the address transmitted by a master. This fea-
ture allows the master to send data simultane-
ously to up to 8 slaves with identical ADR(7:4).
70
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1 ADR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com