Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 183Page - STMicroelectronics ST92195D Datasheet HTML 184Page - STMicroelectronics ST92195D Datasheet HTML 185Page - STMicroelectronics ST92195D Datasheet HTML 186Page - STMicroelectronics ST92195D Datasheet HTML 187Page - STMicroelectronics ST92195D Datasheet HTML 188Page - STMicroelectronics ST92195D Datasheet HTML 189Page - STMicroelectronics ST92195D Datasheet HTML 190Page - STMicroelectronics ST92195D Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 249 page
background image
187/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
7.10.3.2 Slave Mode
As soon as a start condition is detected, the ad-
dress is received from the SDA line and sent to the
shift register; then it is compared with:
– The 7 MSB of the interface address (see
I2COAR register) if the ADR0 bit = 0
– The 4 MSB of the interface address (see
I2COAR register) if the ADR0 bit = 1
– The General Call address
Address not matched: the interface ignores it
and waits for another Start condition.
Address matched: the interface generates in se-
quence:
– Acknowledge pulse if the GENC_ACK bit
(I2CCTR register) is set and a general call is de-
tected, or if the SEND_ACK bit (I2CCTR register)
is reset and “normal” address if detected.
– An interrupt is generated and the INT bit of the
I2CSTR2 register is set.
Then check the I2CSTR1 register to know the in-
terface status:
– Read the FIRST bit of the I2CSTR1 register to
know whether the byte stored in the I2CDR reg-
ister is the address (first byte transferred in an
I2C transaction) or a data.
– If the GEN_CALL bit is set, a general call has
been requested by a master.
– If the ACT_SLV bit is set and the READ bit is set,
the interface is an active slave transmitter, else,
if the ACT_SLV bit is set and the READ bit is re-
set, the interface is an active slave receiver.
Slave receiver
After the address, the slave receives bytes from
the SDA line into the I2CDR register via the inter-
nal shift register. After each received byte the in-
terface generates in sequence:
– Acknowledge pulse according to the
SEND_ACK bit value
– An interrupt is generated and the INT bit of the
I2CSTR2 register is set.
Using the FIRST bit of the I2CSTR1 register, you
know whether the byte stored in the I2CDR regis-
ter is the address (first byte transferred in an I2C
transaction) or data.
Slave Transmitter
Following the address reception, the slave sends
bytes from the DR register to the SDA line via the
internal shift register.
The slave writes in the I2CDR register the data to
send on the SDA bus.
When the acknowledge pulse is received:
– an interrupt is generated and the INT bit of the
I2CSTR2 register is set.
Then you need to check the ACK_BIT of the
I2CSTR2 register to know whether the last byte
has been acknowledged or not. If some data have
to be sent again, write the value in the OSDDR
register.
Closing a slave communication
The I2C interface returns to inactive slave state as
soon as a stop condition has been detected.
If the ISCEN bit of the I2CSTR2 is set, an interrupt
is generated on detecting the stop condition, al-
lowing the user to know if the transaction was suc-
cessful by checking the ERROR and ACTIVE flags
of the I2CSTR1 register.
7.10.3.3 Master Mode
To switch from default inactive slave mode to Mas-
ter mode: load a slave address in the I2CDR reg-
ister.
If the bus is free (ACTIVE bit of the I2CSTR2 reg-
ister reset), then the I2C interface automatically
generates a start condition followed by the I2CDR
byte.
Then, on the 9th clock pulse, an interrupt is gener-
ated and the INT bit of the I2CSTR2 register is set.
Check the ACK_BIT bit of the I2CSTR1 register to
know whether the slave address has been ac-
knowledged or not, in order to manage the trans-
action.
If needed, generate a stop condition on the bus
with the STOP bit of the I2CSTR1 register.
Note: If the RSRT bit of the I2CCTR register is set,
the master will generate a repeated start se-
quence as soon as a new byte is loaded in the
I2CDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com