Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 4 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 4 Page - Texas Instruments

  TFP503PZP Datasheet HTML 1Page - Texas Instruments TFP503PZP Datasheet HTML 2Page - Texas Instruments TFP503PZP Datasheet HTML 3Page - Texas Instruments TFP503PZP Datasheet HTML 4Page - Texas Instruments TFP503PZP Datasheet HTML 5Page - Texas Instruments TFP503PZP Datasheet HTML 6Page - Texas Instruments TFP503PZP Datasheet HTML 7Page - Texas Instruments TFP503PZP Datasheet HTML 8Page - Texas Instruments TFP503PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
79
Analog ground. Ground reference and current return for analog circuitry.
AVDD
82, 85,
88, 91
Analog VDD. Power supply for analog circuitry. Nominally 3.3 V.
CAP
67
O
Bypass capacitor. 4.7-
µF tantalum and 0.01-µF ceramic capacitors connected to ground.
CTL[2:1]
41, 40
O
General-purpose control signals. Used for user-defined control. In normal mode, CTL1 is not powered down
via PDO.
DDC_SA
94
I
Display data channel_serial address. I2C slave address bit A0 for display data channel (DDC). Refer to I2C
interface section for more details.
DDC_SCL
92
I/O
Display data channel_serial clock. I2C clock for the DDC. This terminal is 3.3-V tolerant and typically sinks
3 mA. External pullup resistors are required. A level translator must be used to interface to 5-V DDC lines.
DDC_SDA
93
I/O
Display data channel_serial data. I2C data for the DDC. This terminal is 3.3-V tolerant and typically sinks
3 mA. External pullup resistors are required. A level translator must be used to interface to 5-V DDC lines.
DE
46
O
Output data enable. Indicates time of active video display versus nonactive display or blanking interval. During
blanking, only HSYNC, VSYNC, and CTL[2:1] are transmitted. During times of active display, or nonblanking,
only pixel data, QE[23:0] and QO[23:0], is transmitted.
High: active display interval
Low: blanking interval
DFO
1
I
Output clock data format. Controls the output clock (ODCK) format for either TFT or DSTN panel support. For
TFT support, the ODCK clock runs continuously. For DSTN support, the ODCK only clocks when DE is high;
otherwise, ODCK is held low when DE is low.
High: DSTN support/ODCK held low when DE is low.
Low: TFT support/ODCK runs continuously.
DGND
5, 39, 68
Digital ground. Ground reference and current return for digital core.
DVDD
6, 38
Digital VDD. Power supply for digital core. Nominally 3.3 V.
HSYNC
48
O
Horizontal sync output
OCK_INV
100
I
ODCK polarity. Selects the ODCK edge on which pixel data (QE[23:0] and QO[23:0]) and control signals
(HSYNC, VSYNC, DE, CTL[2:1]) are latched.
Normal mode:
High: latches output data on rising ODCK edge.
Low: latches output data on falling ODCK edge.
ODCK
44
O
Output data clock. Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock mode) along with
DE, HSYNC, VSYNC, and CTL[2:1] are synchronized to this clock.
OGND
19, 28,
45, 58,
76
Output driver ground. Ground reference and current return for digital output drivers.
OVDD
18, 29,
43, 57,
78
Output driver VDD. Power supply for output drivers. Nominally 3.3 V.
PD
2
I
Power down. An active low signal that controls the TFP503 power-down state. During power down, all output
buffers are switched to a high-impedance state and brought low through a weak pulldown resistor. All analog
circuits are powered down and all inputs are disabled, except for PD.
If PD is left unconnected, an internal pullup resistor defaults the TFP503 to normal operation.
High: normal operation
Low: power down
PDO
9
I
Output drive power down. An active low signal that controls the power-down state of the output drivers. During
output drive power down, the output drivers (except SCDT and CTL1) are driven to a high-impedance state. A
weak pulldown resistor slowly pulls these outputs to a low level. When PDO is left unconnected, an internal
pullup resistor defaults the TFP503 to normal operation.
High: normal operation/output drivers on
Low: output drive power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com