Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 14 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TFP503PZP Datasheet HTML 10Page - Texas Instruments TFP503PZP Datasheet HTML 11Page - Texas Instruments TFP503PZP Datasheet HTML 12Page - Texas Instruments TFP503PZP Datasheet HTML 13Page - Texas Instruments TFP503PZP Datasheet HTML 14Page - Texas Instruments TFP503PZP Datasheet HTML 15Page - Texas Instruments TFP503PZP Datasheet HTML 16Page - Texas Instruments TFP503PZP Datasheet HTML 17Page - Texas Instruments TFP503PZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP503 clocking and data synchronization (continued)
The input clock to the TFP503 is conditioned by a PLL (phase-locked-loop) to remove high frequency jitter from
the clock. The PLL provides four 10x clock outputs of different phases to locate and sync the T.M.D.S. data
streams (4x oversampling). During the active display interval, the pixel data is encoded to be transition
minimized; whereas, during the blanking interval, the control data is encoded to be transition maximized. A
DVI-compliant transmitter is required to transmit during the blanking interval for a minimum period of time,
128-t(pixel), to ensure sufficient time for data synchronization when the receiver sees a transition-maximized
code. Performing synchronization during the blanking interval, when the data is transition maximized, assures
reliable data bit boundary detection. Phase synchronization to the data streams is unique for each of the three
input channels and is maintained as long as the link remains active.
TFP503 T.M.D.S. input levels and input impedance matching
The T.M.D.S. inputs to the TFP503 receiver have a fixed single-ended input termination impedance to AVDD.
The TFP503 is internally optimized using a laser-trim process to precisely fix the single-ended termination
impedance at 50
Ω. This fixed impedance eliminates the need for external termination resistors while providing
optimum impedance matching to standard DVI cables having a characteristic impedance of 100
Ω.
Figure 14 shows a conceptual schematic of a TFP510 or TFP513 transmitter and TFP503 receiver connection.
The TFP510 or TFP513 transmitter drives the twisted-pair cable via a current source, usually achieved with an
open-drain output driver. The internal single-ended termination resistors, which are matched to the
characteristic impedance of the DVI cable, provide a pullup to AVDD. Naturally, when the transmitter is
disconnected and the TFP503 DVI inputs are left unconnected, the TFP503 receiver inputs are pulled up to
AVDD. The single-ended differential signal and full differential signal are shown in Figure 15. The TFP503 is
designed to respond to differential signal swings ranging from 150 mV to 1.56 V with common mode voltages
ranging from (AVDD−300 mV) to (AVDD−37 mV).
_
+
Internal
Termination at 50
Ω
AVCC
DVI-Compliant Cable
DATA
DATA
TI TFP503 Receiver
TI TFP510 or TFP513 Transmitter
Current
Source
Figure 14. T.M.D.S. Differential Input and Transmitter Connection
1/2 VID
AVCC
AVCC - 1/2 VID
+ 1/2 VID
- 1/2 VID
VID
a ) Single-Ended Input Signal
b) Differential Input Signal
Figure 15. T.M.D.S. Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com