Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 16 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TFP503PZP Datasheet HTML 12Page - Texas Instruments TFP503PZP Datasheet HTML 13Page - Texas Instruments TFP503PZP Datasheet HTML 14Page - Texas Instruments TFP503PZP Datasheet HTML 15Page - Texas Instruments TFP503PZP Datasheet HTML 16Page - Texas Instruments TFP503PZP Datasheet HTML 17Page - Texas Instruments TFP503PZP Datasheet HTML 18Page - Texas Instruments TFP503PZP Datasheet HTML 19Page - Texas Instruments TFP503PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP503 output driver configurations (continued)
Both PDO and PD have internal pullup resistors; so, if left unconnected, they default the TFP503 to normal
operating modes.
Sync detect. The TFP503 offers an output, SCDT, to indicate link activity. The TFP503 monitors activity on DE
to determine if the link is active. When 1 million pixel clock periods pass without a transition on DE, the TFP503
considers the link inactive and SCDT is driven low. SCDT goes high immediately after the first eight transitions
on DE. SCDT again goes low when no more transitions are seen after 218 oscillator clocks.
SCDT can signal a system power-management circuit to initiate a system power down when the link is
considered inactive. The SCDT can also be tied directly to the TFP503 PDO input to power down the output
drivers when the link is inactive. It is not recommended to use the SCDT to drive the PD input since, once in
complete power down, the analog inputs are ignored and the SCDT state does not change. An external system
power management circuit to drive PD is preferred.
HDCP register map
The TFP503 is a standard I2C slave device. All the registers can be written and read through the I2C interface.
The I2C base address of the TFP503 is dependent on terminal 94 (DDC_SA) as shown below.
TERMINAL 94
WRITE ADDRESS (HEX)
READ ADDRESS (HEX)
0
74
75
1
76
77
I2C register map
BKSV
Subaddress = 00
Read Only
7
6
5
4
3
2
1
0
BKSV[7:0]
Subaddress = 01
Read Only
7
6
5
4
3
2
1
0
BKSV[15:8]
Subaddress = 02
Read Only
7
6
5
4
3
2
1
0
BKSV[23:16]
Subaddress = 03
Read Only
7
6
5
4
3
2
1
0
BKSV[31:24]
Subaddress = 04
Read Only
7
6
5
4
3
2
1
0
BKSV[39:32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com