Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TFP503PZP Datasheet HTML 2Page - Texas Instruments TFP503PZP Datasheet HTML 3Page - Texas Instruments TFP503PZP Datasheet HTML 4Page - Texas Instruments TFP503PZP Datasheet HTML 5Page - Texas Instruments TFP503PZP Datasheet HTML 6Page - Texas Instruments TFP503PZP Datasheet HTML 7Page - Texas Instruments TFP503PZP Datasheet HTML 8Page - Texas Instruments TFP503PZP Datasheet HTML 9Page - Texas Instruments TFP503PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RxC+
89
I
Clock positive receiver input. Positive side of reference clock T.M.D.S. low-voltage signal differential input
pair.
RxC−
90
I
Clock negative receiver input. Negative side of reference clock T.M.D.S. low-voltage signal differential input
pair.
SCDT
8
O
Sync detect. Output to signal when the link is active or inactive. The link is considered to be active when DE is
actively switching. The TFP503 monitors the state DE to determine link activity. SCDT can be tied externally to
PDO to power down the output drivers when the link is inactive.
High: active link
Low: inactive link
ST
3
I
Output drive strength select. Selects output drive strength for high- or low-current drive (see dc specifications
for IOH(D) and IOL(D) vs ST state).
High: high drive strength
Low: low drive strength
STAG
7
I
Staggered pixel select. An active low signal used in 2-pixel/clock pixel mode (PIXS = high). Time staggers the
even and odd pixel outputs to reduce ground bounce. Normal operation outputs the odd and even pixels
simultaneously.
High: normal simultaneous even/odd pixel output
Low: time-staggered even/odd pixel output
VSYNC
47
O
Vertical sync output
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, DVDD, AVDD, OVDD, PVDD
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, logic/analog signals
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD protection, all terminals
2 kV Human Body Model
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JEDEC latch-up (EIA/JESD78)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD (DVDD, AVDD, OVDD, PVDD)
3
3.3
3.6
V
Pixel time, t(pixel) (see Note 1)
6.06
40
ns
Single-ended analog input-termination resistance, RT (see Note 2)
45
50
55
Ω
Operating free-air temperature, TA
0
25
70
°C
NOTES:
1. t(pixel) is the pixel time defined as the period of the RxC clock input. The period of the output clock, ODCK, is equal to t(pixel) when
in 1-pixel/clock mode and 2 t(pixel) when in 2-pixel/clock mode.
2. The TFP503 is internally optimized using a laser-trim process to precisely fix the single-ended termination impedance, RT, to
50
Ω ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com