Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 22 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TFP503PZP Datasheet HTML 18Page - Texas Instruments TFP503PZP Datasheet HTML 19Page - Texas Instruments TFP503PZP Datasheet HTML 20Page - Texas Instruments TFP503PZP Datasheet HTML 21Page - Texas Instruments TFP503PZP Datasheet HTML 22Page - Texas Instruments TFP503PZP Datasheet HTML 23Page - Texas Instruments TFP503PZP Datasheet HTML 24Page - Texas Instruments TFP503PZP Datasheet HTML 25Page - Texas Instruments TFP503PZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Thermal Vias
5.8 mm SQ
Minimum
Figure 21. Recommended Thermal Land Size
More information on this package and other requirements for using thermal lands and thermal vias are detailed
in the TI application note PowerPAD Thermally Enhanced Package Application Report, TI literature number
SLMA002, available via the TI Web pages beginning at URL: http://www.ti.com
The following table outlines the thermal properties of the TI 100-terminal TQFP PowerPAD package.
Table 1. TI 100-Terminal TQFP (14
× 14 × 1 mm)/0.5-mm Lead Pitch
PARAMETER
PowerPAD
NOT CONNECTED TO
PCB THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE
(see Note 15)
RθJA
Junction-to-ambient thermal resistance (see Notes 15, 16, 17, and 18)
73.7
°C/W
22.5
°C/W
PD
Package power dissipation (see Notes 15, 16, 17, and 18)
1.08 W
3.55 W
NOTES: 15. Specified with the PowerPAD bond pad on the backside of the package soldered to a 2 oz Cu plate PCB thermal plane.
16. Airflow is at 0 LFM (no airflow).
17. Specified at 150
°C junction temperature and 70°C ambient temperature.
18. It is recommended that the power pad of the device must be connected to the PCB thermal plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com