Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 15 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TFP503PZP Datasheet HTML 11Page - Texas Instruments TFP503PZP Datasheet HTML 12Page - Texas Instruments TFP503PZP Datasheet HTML 13Page - Texas Instruments TFP503PZP Datasheet HTML 14Page - Texas Instruments TFP503PZP Datasheet HTML 15Page - Texas Instruments TFP503PZP Datasheet HTML 16Page - Texas Instruments TFP503PZP Datasheet HTML 17Page - Texas Instruments TFP503PZP Datasheet HTML 18Page - Texas Instruments TFP503PZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP503 modes of operation
The TFP503 provides system design flexibility and value by providing the system designer with configurable
options or modes of operation to support varying system architectures. The following table outlines the various
panel modes that can be supported along with appropriate external control pin settings.
PANEL
PIXEL RATE
ODCK LATCH EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pixel/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pixel/clock
Rising
Free run
0
0
1
TFT
2 pixel/clock
Falling
Free run
0
1
0
TFT
2 pixel/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pixel/clock
Falling
Gated low
1
0
0
None
1 pixel/clock
Rising
Gated low
1
0
1
24-bit DSTN
2 pixel/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pixel/clock
Rising
Gated low
1
1
1
TFP503 output driver configurations
The TFP503 provides flexibility by offering various output driver features that can be used to optimize power
consumption, ground bounce, and power-supply noise. The following sections outline the output driver features
and their effects.
Output driver power down (PDO = low.) Pulling PDO low places all the output drivers, except CTL1 and SCDT,
into a high-impedance state. A weak pulldown (approximately 10
µA) gradually pulls these high-impedance
outputs to a low level to prevent the outputs from floating. The SCDT output, which indicates a link-disabled or
link-inactive state, can be tied directly to the PDO input to disable the output drivers when the link is inactive
or when the cable is disconnected. An internal pullup resistor on the PDO terminal defaults the TFP503 to the
normal nonpower-down output drive mode if left unconnected.
Drive strength (ST = high for high drive strength, ST = low for low drive strength.) The TFP503 allows for
selectable output drive strength on the data, control, and ODCK outputs. See the dc specifications table for the
values of IOH(D) and IOL(D) current drives for a given ST state. The high output strength offers approximately
two times the drive as the low output drive strength does.
Time-staggered pixel output. This option works only in conjunction with the 2-pixel/clock mode (PIXS = high.)
Setting STAG = low will time-stagger the even and odd pixel outputs so as to reduce the amount of instantaneous
current surge from the power supply. Depending on the PCB layout and design, this can help reduce the amount
of system ground bounce and power supply noise. The time stagger is such that in 2-pixel/clock mode the even
pixel is delayed from the latching edge of ODCK by 0.25 T(ODCK). (T(ODCK) is the period of ODCK. The ODCK
period is 2 t(pixel) when in 2-pixel/clock mode.)
Depending on system constraints of output load, pixel rate, panel input architecture, and board cost, the TFP503
drive strength and staggered pixel options allow flexibility to reduce system power supply noise, ground bounce,
and EMI.
Power management. The TFP503 offers several system power-management features. The output driver
power-down (PDO = low) mode is an intermediate mode which offers several uses. During this mode, all output
drivers except SCDT and CTL1 are driven to a high-impedance state while the rest of the device circuitry
remains active.
The TFP503 power down (PD = low) is a complete power down in that it powers down the digital core, the analog
circuitry, and output drivers. All output drivers are placed into a high-impedance state. All inputs are disabled
except for the PD input. The TFP503 does not respond to any digital or analog inputs until PD is pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com