Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503PZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TFP503PZP
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503PZP Datasheet(HTML) 5 Page - Texas Instruments

  TFP503PZP Datasheet HTML 1Page - Texas Instruments TFP503PZP Datasheet HTML 2Page - Texas Instruments TFP503PZP Datasheet HTML 3Page - Texas Instruments TFP503PZP Datasheet HTML 4Page - Texas Instruments TFP503PZP Datasheet HTML 5Page - Texas Instruments TFP503PZP Datasheet HTML 6Page - Texas Instruments TFP503PZP Datasheet HTML 7Page - Texas Instruments TFP503PZP Datasheet HTML 8Page - Texas Instruments TFP503PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PGND
98
PLL ground. Ground reference and current return for internal PLL.
PIXS
4
I
Pixel select. Selects between 1- or 2-pixel/clock output mode. During 2-pixel/clock mode, both even pixels,
QE[23:0], and odd pixels, QO[23:0], are output in tandem on a given clock cycle. During 1-pixel/clock, even
and odd pixels are output sequentially, one at a time, with the even pixel first, on the even pixel bus, QE[23:0].
(The first pixel per line is pixel-0, the even pixel. The second pixel per line is pixel-1, the odd pixel.)
High: 2-pixel/clock mode
Low: 1-pixel/clock mode
PVDD (1, 2)
97, 99
PLL VDD. Power supply for internal PLL. Nominally 3.3 V.
QE[0:7]
10−17
O
Even blue pixel output. Output for even and odd blue pixels when in 1-pixel/clock mode. Output for only even
blue pixels when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE0 (terminal 10)
MSB: QE7 (terminal 17)
QE[8:15]
20−27
O
Even green pixel output. Output for even and odd green pixels when in 1-pixel/clock mode. Output for only
even green pixels when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE8 (terminal 20)
MSB: QE15 (terminal 27)
QE[16:23]
30−37
O
Even red pixel output. Output for even and odd red pixels when in 1-pixel/clock mode. Output for only even red
pixels when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE16 (terminal 30)
MSB: QE23 (terminal 37)
QO[0:7]
49−56
O
Odd blue pixel output. Output for only odd blue pixels when in 2-pixel/clock mode. Not used and held low when
in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO0 (terminal 49)
MSB: QO7 (terminal 56)
QO[8:15]
59−66
O
Odd green pixel output. Output for only odd green pixels when in 2-pixel/clock mode. Not used and held low
when in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO8 (terminal 59)
MSB: QO15 (terminal 66)
QO[16:23]
69−75,
77
O
Odd red pixel output. Output for only odd red pixels when in 2-pixel/clock mode. Not used and held low when in
1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO16 (terminal 69)
MSB: QO23 (terminal 77)
RCL
RDA
95
96
I/O
These terminals are the I2C interface to the internal HDCP key EEPROM. Each terminal requires a 10-k
Ω
pullup resistor connected to VDD.
RSVD
42
O
Reserved. Must be tied high for normal operation.
Rx2+
80
I
Channel-2 positive receiver input. Positive side of channel-2 T.M.D.S. low-voltage signal differential input pair.
Channel-2 receives red pixel data in active display and CTL2 control signals during blanking.
Rx2−
81
I
Channel-2 negative receiver input. Negative side of channel-2 T.M.D.S. low-voltage signal differential input
pair.
Rx1+
83
I
Channel-1 positive receiver input. Positive side of channel-1 T.M.D.S. low-voltage signal differential input pair.
Channel-1 receives green pixel data in active display and CTL1 control signals during blanking.
Rx1−
84
I
Channel-1 negative receiver input. Negative side of channel-1 T.M.D.S. low-voltage signal differential input
pair.
Rx0+
86
I
Channel-0 positive receiver input. Positive side of channel-0 T.M.D.S. low-voltage signal differential input pair.
Channel-0 receives blue pixel data in active display and HSYNC and VSYNC control signals during blanking.
Rx0−
87
I
Channel-0 negative receiver input. Negative side of channel-0 T.M.D.S. low-voltage signal differential input
pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com