Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
19
Omni
ision
0E
COMF
01
RW
Common Control F
Bit[7]:
System clock selection
0:
Use 24 MHz system clock
1:
Use 48 MHz system clock
Bit[6:3]:
Reserved
Bit[2]:
Port output range selection
0:
Output data range is [001] to [3FE]
1:
Output data range is [000] to [3FF]
Bit[1]:
Reserved
Bit[0]:
AEC option
0:
Disable this function
1:
Enable larger AEC step increase with correct
exposure time
0F
COMG
47
RW
Common Control G
Bit[7]:
Optical black output selection
0:
Disable
1:
Enable
Bit[6]:
Black level calibrate selection
0:
Use electrical black reference
1:
Use optical black pixels to calibrate
Bit[5:4]:
Reserved
Bit[3]:
Channel offset adjustment
0:
Disable offset adjustment
1:
Enable offset adjustment, B/Gb/Gr/R channel offset
levels stored in registers RBIAS (see “BBIAS” on
page 24), GbBIAS (see “GbBIAS” on page 24),
GrBIAS (see “GrBIAS” on page 24) and RBIAS (see
“RBIAS” on page 25).
Bit[2]:
Data range selection
0:
Data range limited to [010] to [3F0]
1:
Full range
Bit[1]:
ADC black level calibration bias selection
0:
040
1:
010
Bit[0]:
ADC black level calibration enable
0:
Disable
1:
Enable
10
AEC
43
RW
Automatic Exposure Control Most Significant 8 bits for AEC[10:3] (least
significant 3 bits, AEC[2:0], in register COMB[2:0] - see “COMB” on
page 17).
AEC[10:0]:
Exposure time
TEX = tLINE x AEC[10:0]
Set COMI[2] = 0 (see “COMI” on page 21) to disable the AEC.
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com