Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV9121 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
1
Advanced Information
Preliminary Datasheet
OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIPTM
OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIPTM
Omni
TM
ision
General Description
The OV9625 (color) and OV9121 (black and white) are
high-performance 1.3 mega-pixel CAMERACHIPSTM for
digital still image and video camera products.
Both devices incorporate a 1280 x 1024 (SXGA) image
array and an on-chip 10-bit A/D converter capable of
operating at up to 15 frames per second (fps) at full
resolution and an improved micro lens design to decrease
shading. Proprietary sensor technology utilizes advanced
algorithms to cancel Fixed Pattern Noise (FPN), eliminate
smearing, and drastically reduce blooming. The control
registers allow for flexible control of timing, polarity, and
CameraChip operation, which, in turn, allows the engineer
a great deal of freedom in product design.
Features
•
Optical Black Level Calibration (BLC)
•
Improved micro lens design to decrease shading
•
Video or snapshot operations
•
Programmable/Auto Exposure and Gain Control
•
Programmable/Auto White Balance Control
•
Horizontal and vertical sub-sampling (4:2 and 4:2)
•
Programmable image windowing
•
Variable frame rate control
•
On-chip R/G/B channel and luminance average
counter
•
Internal/External frame synchronization
•
SCCB slave interface
•
Power-on reset and power-down mode
Ordering Information
Product
Package
OV09625-C00A (Color, SXGA,
VGA)
CLCC-48
OV09121-C00A (B&W with
microlens, SXGA, VGA)
CLCC-48
Applications
•
Digital still cameras
•
PC camera/dual mode
•
Video conference applications
•
Machine vision
•
Security cameras
•
Biometrics
Key Specifications
Figure 1 OV9625/OV9121 Pin Diagram
Array Size
SXGA
1280 x 1024
VGA
640 x 480
Power Supply
Core
2.5VDC + 10%
Analog
3.3VDC + 10%
I/O
3.3VDC + 10%
Power
Requirements
Active
< 50 mA
Standby
< 10 µA
Output Formats (10-bit)
Raw RGB Data
Lens Size
1/2"
Max. Image
Transfer Rate
SXGA
15 fps
VGA
30 fps
Sensitivity
1.0 V/Lux-sec
S/N Ratio
54 dB
Dynamic Range
60 dB (due to ADC limitations)
Scan Mode
Progressive
Gamma Correction
N/A
Electronics
Exposure
SXGA
Up to 1050:1
VGA
Up to 500:1
Pixel Size
5.2 µm x 5.2 µm
Dark Current
28 mV/s
Fixed Pattern Noise
< 0.03% of VPEAK-TO-PEAK
Image Area
6.66 mm x 5.32 mm
Package Dimensions
.560 in. x .560 in.
25
24
23
22
21
20
19
30
29
28
27
26
36
D9
37
DOVDD
38
DOGND
39
HREF
40
CHSYNC
41
VSYNC
42
NC
31
PCLK
32
D5
33
D6
34
D7
35
D8
13
VGA
12
EXPSTB
11
SCCB_E
10
RESET
9NC
8
FREX
7
PWDN
18
ASUB
17
AGND
16
AVDD
15
VcCHG
14
FSIN
48
1
2
3
4
5
6
43
44
45
46
47
OV9625/OV9121


Similar Part No. - OV9121

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9120 OMNIVISION-OV9120 Datasheet
384Kb / 24P
Horizontal & Vertical Sub-sampling (4:2 & 4:2)
Version 2.0
More results

Similar Description - OV9121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
(1/3??SXGA CMOS Image Sensor)
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
1.3 million pixel Color CMOS image sensor
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
OV02640-VL9A ETC1-OV02640-VL9A Datasheet
400Kb / 2P
COLOR CMOS UXGA (2.0 MEGAPIXEL) CAMERACHIP-TM WITH OMNIPIXEL2-TM TECHNOLOGY
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
1.3 Megapixel CMOS Sensor
logo
OmniVision Technologies...
OV05116-C11A OMNIVISION-OV05116-C11A Datasheet
171Kb / 2P
CMOS CAMERACHIP with NTSC Analog Output
OV05116-C21A OMNIVISION-OV05116-C21A Datasheet
169Kb / 2P
CMOS CAMERACHIP with PAL Analog Output
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
logo
OmniVision Technologies...
OV9650 OMNIVISION-OV9650 Datasheet
791Kb / 26P
OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com