Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
27
Omni
ision
37
ADC
04
RW
ADC Reference Control
Bit[7:4]:
Reserved
Bit[3]:
ADC input signal range
0:
Input signal x 1
1:
Input signal x 0.7
Bit[2:0]:
ADC range control
000: Minimum
111: Maximum
38
ACOM
12
RW
Analog Common Control
Bit[7]:
Analog gain control
0:
Normal
1:
Gain increase 1.5x
Bit[6]:
Analog black level calibration control
0:
Analog BLC ON
1:
Analog BLC OFF
Bit[5:0]:
Reserved
NOTE: All other registers are factory-reserved. Please contact OmniVision Technologies for reference register settings.
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com