Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
11
CLKRC
00
RW
Clock Rate Control
Bit[7]:
Internal PLL ON/OFF selection
0:
PLL disabled
1:
PLL enabled
Bit[6]:
Digital video port master/slave selection
0:
Master mode, sensor provides PCLK
1:
Slave mode, external PCLK input from XCLK1 pin
Bit[5:0]:
Clock divider
CLK = XCLK1/(decimal value of CLKRC[5:0] + 1)
12
COMH
20
RW
Common Control H
Bit[7]:
SRST
1:
Initiates soft reset. All register are set to factory
default values after which the chip resumes normal
operation
Bit[6]:
Resolution selection
0:
SXGA
1:
VGA
Bit[5]:
Average luminance value pixel counter ON/OFF
0:
OFF
1:
ON
Bit[4]:
Reserved
Bit[3]:
Master/slave selection
0:
Master mode
1:
Slave mode
Bit[2]:
Window output selection
0:
Output only pixels defined by window registers
1:
Output all pixels
Bit[1]:
Color bar test pattern
0:
OFF
1:
ON
Bit[0]:
Reserved
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com