Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Pin Description
Table 3
Pin Description
Pin Number
Name
Pin Type
Function/Description
01
SVDD
Power
3.3 V power supply for the pixel array
02
VrHIGH
Analog
Sensor high reference - bypass to ground using a 0.1 µF capacitor
03
NBIT
Analog
Sensor bit line reference - bypass to ground using a 0.1 µF capacitor
04
DEVDD
Power
3.3 V power supply for the sensor array decoder
05
DEGND
Power
Ground for the sensor array decoder
06
VrLOW
Analog
Sensor low reference - bypass to ground using a 0.1 µF capacitor
07
PWDN
Input (0)a
Power down mode enable, active high
08
FREX
Input (0)
Snapshot trigger, used to activate a snapshot sequence
09
NC
—
No connection
10
RESET
Input (0)
Chip reset, active high
11
SCCB_E
Input (0)
SCCB interface enable, active low
12
EXPSTB
Input (0)
Snapshot exposure start trigger
0:
Sensor starts exposure - only effective in snapshot mode
1:
Sensor stays in reset mode
13
VGA
Input (0)
Sensor Resolution Selection
0:
SXGA resolution (1280 x 1024)
1:
VGA resolution (640 x 480)
14
FSIN
Input (0)
Frame synchronization input
15
VcCHG
Analog
Sensor reference - bypass to ground using a 1 µF capacitor
16
AVDD
Power
3.3 V power supply for analog circuits
17
AGND
Power
Ground for analog circuits
18
ASUB
Power
Ground for analog circuit substrate
19
VrAD2
Analog
A/D converter reference - bypass to ground using a 0.1 µF capacitor
20
ADVDD
Power
3.3 V power supply for A/D converter
21
ADGND
Power
Ground for A/D converter
22
DVDD
Power
2.5 V power supply for digital circuits
23
DGND
Power
Ground for digital circuits
24
D0
Output
Digital video output bit[0]
25
D1
Output
Digital video output bit[1]
26
D2
Output
Digital video output bit[2]
27
D3
Output
Digital video output bit[3]
28
D4
Output
Digital video output bit[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com