Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
21
Omni
ision
13
COMI
07
RW
Common Control I
Bit[7]:
AEC speed selection
0:
Normal
1:
Faster AEC correction
Bit[6]:
AEC speed/step selection
0:
Small steps (slow)
1:
Big steps (fast)
Bit[5]:
Banding filter ON/OFF
0:
OFF
1:
ON, set minimum exposure to 1/120s
Bit[4]:
Banding filter option
0:
Set to 0, if system clock is 48 MHz and the PLL is
ON.
1:
Set to 1, if system clock is 24 MHz and the PLL is ON
or if the system clock is 48 MHz and the PLL is OFF.
Bit[3]:
Reserved
Bit[2]:
AGC auto/manual control selection
0:
Manual
1:
Auto
Bit[1]:
AWB auto/manual control selection
0:
Manual
1:
Auto
Bit[0]:
Exposure control
0:
Manual
1:
Auto
14
COMJ
76
RW
Common Control J
Bit[7:6]:
AGC gain ceiling
00: 2x
01: 4x
10: 8x
11: 8x
Bit[5:4]:
Reserved
Bit[3]:
Auto banding filter
0:
Banding filter is always ON/OFF depending on
COMI[5] setting (see “COMI” on page 21)
1:
Automatically disable banding filter if light is low
Bit[2]:
VSYNC drop option
0:
VSYNC is always output
1:
VSYNC is dropped if frame data is dropped
Bit[1]:
Frame data drop option
0:
Disable data drop
1:
Drop data frame if exposure is not within tolerance.
In AEC mode, data is normally dropped when data is
out of range
Bit[0]:
Freeze current Exposure and Gain values
0:
Normal
1:
Freeze
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com