Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9121 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OV9121 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Sub-sampling Mode
Default resolution for the OV9625/OV9121 is 1280 x 1024
pixels, with all active pixels being output (see Figure 5).
The OV9625/OV9121 can be programmed to output in
640 x 480 (VGA) sized images for applications where
higher resolution image capture is not required.
Figure 5 Pixel Array
For VGA resolution, the following sub-sampling method is
available:
Progressive Sub-sampling
The entire array is sub-sampled for maximal image
quality.
Both
horizontal
and
vertical
pixels
are
sub-sampled to an aspect ration of 4:2 as illustrated in
Figure 6.
Figure 6 Sub-Sampling Mode
i
i+1
n
n+7
n+6
n+5
n+4
n+1
n+2
n+3
Row #
i+2 i+3 i+4 i+5 i+6 i+7 i+8 i+9
Column #
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
B
GR
G
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
Column
Row
Skipped Pixels
BB
B
BB
B
GG
G
GG
G
RR
R
RR
R
GG
G
GG
G
Slave Operation Mode
The OV9625/OV9121 can be programmed to operate in
slave mode (default is master mode).
When used as a slave device, the OV9625/OV9121
changes the HSYNC and VSYNC outputs to input pins for
use as horizontal and vertical synchronization input
triggers supplied by the master device. The master device
must provide the following signals:
1.
System clock MCLK to XCLK1 pin
2.
Horizontal sync MHSYNC to CHSYNC pin
3.
Vertical frame sync MVSYNC to VSYNC pin
See Figure 7 for slave mode connections and Figure 8 for
detailed timing considerations. In this mode, the clock for
all devices should be the same. Otherwise, the devices
will suffer from flickering at line frequency.
Figure 7 Slave Mode Connection
Figure 8 Slave Mode Timing
Channel Average Calculator
OV9625/OV9121 provides average output level data for
the R/G/B channels along with frame-averaged luminance
level. Access to the data is via the serial control port.
Average values are calculated from 128 pixels per line (64
in VGA).
D[9:0]
CHSYNC
VSYNC
XCLK1
MHSYNC
MVSYNC
MCLK
Master
Device
OV9625
(OV9121)
NOTE:
1) THS > 6 Tclk, Tvs > Tline
2) Tline = 1520 x Tclk (SXGA); Tline = 800 x Tclk (VGA)
3) Tframe = 1050 x Tline (SXGA); Tframe = 500 x Tline (VGA)
T
frame
T
VS
T
line
T
clk
T
HS
VSYNC
HSYNC
MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com