Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 12Page - NXP Semiconductors SSL4120T Datasheet HTML 13Page - NXP Semiconductors SSL4120T Datasheet HTML 14Page - NXP Semiconductors SSL4120T Datasheet HTML 15Page - NXP Semiconductors SSL4120T Datasheet HTML 16Page - NXP Semiconductors SSL4120T Datasheet HTML 17Page - NXP Semiconductors SSL4120T Datasheet HTML 18Page - NXP Semiconductors SSL4120T Datasheet HTML 19Page - NXP Semiconductors SSL4120T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
16 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
to keep the regulation loop bandwidth constant over the full mains input range, yielding a
fast transient response on load steps, while still complying with class-D MHR
requirements.
7.7.3 PFC demagnetization sensing (pin SNSAUXPFC)
The voltage on the SNSAUXPFC pin is used to detect transformer demagnetization.
During the secondary stroke, the transformer is magnetized and current flows in the boost
output. During this time, VSNSAUXPFC <Vdemag(SNSAUXPFC) (typ.
−100 mV) and the PFC
MOSFET is kept off.
After some time, the transformer becomes demagnetized and current stops flowing in the
boost output. From that moment, VSNSAUXPFC >Vdemag(SNSAUXPFC) and valley detection is
started. The MOSFET remains off.
To ensure switching continues under all circumstances, the MOSFET is forced to
switch on if the magnetizing of the transformer (VSNSAUXPFC <Vdemag(SNSAUXPFC)) is not
detected within tto(mag) (typ. 50
μs) after GATEPFC goes LOW.
It is recommended that a 5 k
Ω series resistor be connected to this pin to protect the
internal circuitry, against lightning for example. The resistor should be placed close to the
IC on the printed circuit board to prevent incorrect switching due to external disturbances.
7.7.4 PFC valley sensing (pin SNSAUXPFC)
The PFC MOSFET is switched on for the next stroke to reduce switching losses and EMI
if the voltage at the drain of the MOSFET is at its minimum (valley switching),
see Figure 8.
Fig 7.
Relationship between on-time, SNSMAINS voltage and COMPPFC voltage
on-time
Vton(COMPPFC)max
Vton(COMPPFC)zero VCOMPPFC
014aaa855
0
ton(max)(lowmains)
ton(max)(highmains)
VSNSMAINS = 0.9 V
VSNSMAINS = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com