Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 9Page - NXP Semiconductors SSL4120T Datasheet HTML 10Page - NXP Semiconductors SSL4120T Datasheet HTML 11Page - NXP Semiconductors SSL4120T Datasheet HTML 12Page - NXP Semiconductors SSL4120T Datasheet HTML 13Page - NXP Semiconductors SSL4120T Datasheet HTML 14Page - NXP Semiconductors SSL4120T Datasheet HTML 15Page - NXP Semiconductors SSL4120T Datasheet HTML 16Page - NXP Semiconductors SSL4120T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
13 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
Figure 6 shows the operation of the restart timer. Normally Cprot is discharged to 0 V.
When a restart is requested, Cprot is quickly charged to the upper switching level
Vu(RCPROT). Then the RCPROT pin becomes high ohmic and Cprot discharges through
Rprot. The restart time has elapsed when VRCPROT reaches the lower switching level
Vl(RCPROT) (typ. 0.5 V). The IC then restarts and Cprot is discharged.
7.5.3 Fast shut-down reset (pin SNSMAINS)
The latched Protection shut-down state will be reset when VSUPIC and VSUPHV drop below
their respective reset levels, Vrst(SUPIC) and Vrst(SUPHV). Typically, the PFC boost capacitor,
Cboost, will need to discharge before VSUPIC and VSUPHV drop below their reset levels,
which can take a long time.
Fast shut-down reset facilitates a faster reset. When the mains supply is interrupted, the
voltage on pin SNSMAINS will fall. As soon as VSNSMAINS falls below Vrst(SNSMAINS) and
subsequently rises again by a hysteresis value, the IC will leave the Protection shut-down
state. The boost capacitor Cboost does not need to be discharged to initiate a new start-up.
The Protection shut-down state can also be ended by pulling down the enable input (pin
SSHBC/EN).
7.5.4 Output overvoltage protection (pin SNSOUT)
The SSL4120T outputs are provided with overvoltage protection (OVP-output; see
Section 7.9). The output voltage can be measured via the auxiliary winding of the
resonant transformer. This voltage can be sensed at the SNSOUT pin via an external
rectifier and resistive divider. An overvoltage is detected when the SNSOUT voltage
exceeds Vovp(SNSOUT) (typ. 3.5 V). Once an overvoltage has been detected, the
SSL4120T will go to the Protection shut-down state.
Additional external protection circuits, such as an external overtemperature protection
circuit, can be connected to this pin. They should be connected to pin SNSOUT via a
diode so that the error condition will trigger an OVP event.
7.5.5 Output undervoltage protection (pin SNSOUT)
In applications where the SSL4120T is supplied from the auxiliary winding of the HBC
transformer, a SUPIC undervoltage protection event (UVP-SUPIC) will be triggered
automatically when an error condition results in a drop in the output voltage.
Fig 6.
Operation of the restart timer
passed
0
no
yes
Vu(RCPROT)
Vl(RCPROT)
Restart request
014aaa854
VRCPROT
t
Restart time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com