Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 28Page - NXP Semiconductors SSL4120T Datasheet HTML 29Page - NXP Semiconductors SSL4120T Datasheet HTML 30Page - NXP Semiconductors SSL4120T Datasheet HTML 31Page - NXP Semiconductors SSL4120T Datasheet HTML 32Page - NXP Semiconductors SSL4120T Datasheet HTML 33Page - NXP Semiconductors SSL4120T Datasheet HTML 34Page - NXP Semiconductors SSL4120T Datasheet HTML 35Page - NXP Semiconductors SSL4120T Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
32 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
8.
Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).; All voltages are measured with respect to pin SGND;
Currents are positive when flowing into the IC; The voltage ratings are valid provided other ratings are not violated; Current
ratings are valid provided the maximum power rating is not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VSUPHV
voltage on pin SUPHV
continuous
−0.4
+630
V
VSUPHS
voltage on pin SUPHS
DC
−0.4
+570
V
t< 0.5s
−0.4
+630
V
referenced to pin HB
−0.4
+14
V
VSUPIC
voltage on pin SUPIC
−0.4
+38
V
VSNSAUXPFC
voltage on pin SNSAUXPFC
−25
+25
V
VSUPREG
voltage on pin SUPREG
−0.4
+12
V
VSNSOUT
voltage on pin SNSOUT
−0.4
+12
V
VRCPROT
voltage on pin RCPROT
−0.4
+12
V
VSNSFB
voltage on pin SNSFB
−0.4
+12
V
VSSHBC/EN
voltage on pin SSHBC/EN
−0.4
+12
V
VGATEHS
voltage on pin GATEHS
t < 10 µs for I > 10 mA
−0.4
VSUPHS +0.4
V
VGATELS
voltage on pin GATELS
t < 10 µs for I > 10 mA
−0.4
VSUPREG +0.4
V
VGATEPFC
voltage on pin GATEPFC
t < 10 µs for I > 10 mA
−0.4
VSUPREG +0.4
V
VSNSCURHBC
voltage on pin SNSCURHBC
−5+5
V
VSNSBOOST
voltage on pin SNSBOOST
−0.4
+5
V
VSNSMAINS
voltage on pin SNSMAINS
−0.4
+5
V
VSNSCURPFC
voltage on pin SNSCURPFC
current limited
−0.4
+5
V
VCOMPPFC
voltage on pin COMPPFC
−0.4
+5
V
VCFMIN
voltage on pin CFMIN
−0.4
+5
V
VPGND
voltage on pin PGND
−1+1
V
Currents
IGATEPFC
current into pin GATEPFC
duty cycle < 10 %
−0.8
+2
A
ISNSCURPFC
current into pin SNSCURPFC
−1+10
mA
General
Ptot
total power dissipation
Tamb < 75
°C-
0.8
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com