Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 32Page - NXP Semiconductors SSL4120T Datasheet HTML 33Page - NXP Semiconductors SSL4120T Datasheet HTML 34Page - NXP Semiconductors SSL4120T Datasheet HTML 35Page - NXP Semiconductors SSL4120T Datasheet HTML 36Page - NXP Semiconductors SSL4120T Datasheet HTML 37Page - NXP Semiconductors SSL4120T Datasheet HTML 38Page - NXP Semiconductors SSL4120T Datasheet HTML 39Page - NXP Semiconductors SSL4120T Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
36 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
PFC demagnetization sensing (pin SNSAUXPFC)
Vdemag(SNSAUXPFC)
demagnetization voltage on pin
SNSAUXPFC
−150 −100 −50
mV
tto(mag)
magnetization time-out time
40
50
60
μs
Iprot(SNSAUXPFC)
protection current on pin
SNSAUXPFC
VSNSAUXPFC =50 mV
−75
−33
-
nA
PFC valley sensing (pin SNSAUXPFC)
(dV/dt)vrec(min)
minimum valley recognition rate of
voltage change
--
1.7
V/
μs
tslope(vrec)min
minimum valley recognition slope
time
VSNSAUXPFC =1 Vpp
[4] -
-
300
ns
demagnetization to
ΔV/Δt=0 [5] --
50
ns
td(val-dem)max
maximum valley-to-demag delay
time
-
200
-
ns
tto(vrec)
valley recognition time-out time
3
4
6
μs
PFC soft start (pin SNSCURPFC)
Ich(ss)(PFC)
PFC soft-start charge current
-
−60
-
μA
Vclamp(ss)(PFC)
PFC soft-start clamp voltage
[1] 0.46
0.5
0.54
V
Vstop(ss)(PFC)
PFC soft-start stop voltage
[1] -0.45
-
V
Rss(PFC)
PFC soft-start resistor
12
-
-
k
Ω
PFC overcurrent sensing (pin SNSCURPFC)
Vocr(PFC)
PFC overcurrent regulation voltage
dV/dt = 50 mV/
μs
0.49
0.52
0.55
V
dV/dt = 200 mV/
μs
0.51
0.54
0.57
V
tleb(PFC)
leading edge blanking time
250
310
370
ns
Iprot(SNSCURPFC)
protection current on pin
SNSCURPFC
−50
−33
-
nA
PFC mains voltage sensing and clamp (pin SNSMAINS)
Vstart(SNSMAINS)
start voltage on pin SNSMAINS
[1] 1.11
1.15
1.19
V
Vuvp(SNSMAINS)
undervoltage protection voltage on
pin SNSMAINS
[1] 0.84
0.89
0.94
V
Vpu(SNSMAINS)
pull-up voltage on pin SNSMAINS
UVP-mains active
[1] -1.05
-
V
Ipu(SNSMAINS)
maximum clamp current
UVP-mains active
-
−42
−35
μA
Iprot(SNSMAINS)
Protection current on pin
SNSMAINS
VSNSMAINS >Vuvp(SNSMAINS)
-
33
100
nA
PFC boost voltage protection sensing, SCP/UVP/OVP boost (pin SNSBOOST)
Vscp(SNSBOOST)
short-circuit protection voltage on
pin SNSBOOST
0.35
0.4
0.45
V
Vstart(SNSBOOST)
start voltage on pin SNSBOOST
-
2.3
2.4
V
Vuvp(SNSBOOST)
undervoltage protection voltage on
pin SNSBOOST
1.5
1.6
-
V
Vovp(SNSBOOST)
overvoltage protection voltage on
pin SNSBOOST
2.59
2.63
2.67
V
Table 7.
Characteristics …continued
Tamb =25
°C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com