Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 22Page - NXP Semiconductors SSL4120T Datasheet HTML 23Page - NXP Semiconductors SSL4120T Datasheet HTML 24Page - NXP Semiconductors SSL4120T Datasheet HTML 25Page - NXP Semiconductors SSL4120T Datasheet HTML 26Page - NXP Semiconductors SSL4120T Datasheet HTML 27Page - NXP Semiconductors SSL4120T Datasheet HTML 28Page - NXP Semiconductors SSL4120T Datasheet HTML 29Page - NXP Semiconductors SSL4120T Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
26 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
VRFMAX and VSSHBC/EN are of opposite polarity. At initial start-up, VSSHBC/EN is below
Vfmax(SSHBC) (typ. 3.2 V), which corresponds to the maximum frequency. During start-up,
Css(HBC) is charged, VSSHBC/EN rises and the frequency decreases. The contribution of the
soft start function is zero when VSSHBC/EN is above Vfmin(SSHBC) (typ. 7.9 V).
VSSHBC/EN is clamped at a maximum of Vclamp(SSHBC) (typ. 8.4 V) (frequency is at a
minimum) and at a minimum (
≈ 3 V). Below Vfmax(SSHBC) (maximum frequency), the
discharge current is reduced to a maximum-frequency soft start current of typically 5
μA
The voltage is clamped at a minimum of Vpu(EN) (typ. 3 V). Both clamp levels are just
outside the operating area of Vfmax(SSHBC) to Vfmin(SSHBC). The margins avoid frequency
disturbance during normal output voltage regulation, but ensure that overcurrent
regulation can respond quickly.
7.8.8.2
Soft start charge and discharge
At initial start-up, the soft start capacitor Css(HBC) is charged to obtain a decreasing
frequency sweep from maximum to operating frequency. As well as being used to softly
start up the resonant converter, the soft start functionality is also used for regulation
purposes (such as overcurrent regulation). Css(HBC) can therefore be charged or
discharged. In the case of overcurrent regulation, a continuous alternation between
charging and discharging takes place. In this way VSSHBC/EN can be regulated, thereby
overruling the signal from the feedback input.
The (dis-)charge current can have a high value, Iss(hf)(SSHBC) (typ. 160
μA), resulting in a
fast (dis-)charge, or it can have a low value Iss(lf)(SSHBC) (typ. 40
μA), resulting in a slow
(dis-)charge. This two-speed soft start sweep allows for a combination of a short start-up
time for the resonant converter and stable regulation loops (such as overcurrent
regulation).
The fast (dis-)charge speed is used for the upper frequency range where VSSHBC/EN is
below Vss(hf-lf)(SSHBC) (typ. 5.6 V). In the upper frequency range, the currents in the
converter do not react strongly to frequency variations.
Fig 15. Relation between SSHBC/EN voltage and frequency
fHB
0
VSSHBC
Vfmax,ss(RFMAX)
VRFMAX
fmin
fmax
0
Vfmax(SSHBC)
Vfmin(SSHBC)
Vclamp(SSHBC)
Vpu(EN)
ISNSFB < Ifmin(SNSFB)
Ifmin(SNSFB) < ISNSFB < Ifmax(SNSFB)
VRFMAX
fHB
Vfmax,fb(RFMAX)
014aaa863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com