Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL4120T Datasheet HTML 1Page - NXP Semiconductors SSL4120T Datasheet HTML 2Page - NXP Semiconductors SSL4120T Datasheet HTML 3Page - NXP Semiconductors SSL4120T Datasheet HTML 4Page - NXP Semiconductors SSL4120T Datasheet HTML 5Page - NXP Semiconductors SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
2 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
2.
Features and benefits
2.1 General features
Integrated PFC and HBC controllers
Universal mains supply operation (70 V to 276 V (AC))
High level of integration resulting in a low external component count and a cost
effective design
Enable input (enable only PFC or both PFC and HBC controllers)
On-chip high-voltage start-up source
Stand-alone operation or IC supplied from external DC source
2.2 PFC controller features
Boundary mode operation with on-time control
Valley/zero voltage switching for minimum switching losses
Frequency limiting to reduce switching losses
Accurate boost voltage regulation
Burst mode switching with soft-start and soft-stop
2.3 HBC controller features
Integrated high-voltage level shifter
Adjustable minimum and maximum frequency
Maximum 500 kHz half-bridge switching frequency
Adaptive non-overlap time
Burst mode switching
2.4 Protection features
Safe restart mode for system fault conditions
General latched protection input for output overvoltage protection or external
temperature protection
Protection timer for time-out and restart
Overtemperature protection
Soft (re)start for both controllers
Undervoltage protection for mains (brownout), boost, IC supply and output voltage
Overcurrent regulation and protection for both controllers
Accurate overvoltage protection for boost voltage
Capacitive mode protection for HBC controller
3.
Applications
The device can be used in all LED lighting applications that require very efficient, low Total
Harmonic Distortion (THD), high power-factor, true universal input voltage and
cost-effective power supply solution between 10 W and 300 W."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com