Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 5Page - NXP Semiconductors SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors SSL4120T Datasheet HTML 10Page - NXP Semiconductors SSL4120T Datasheet HTML 11Page - NXP Semiconductors SSL4120T Datasheet HTML 12Page - NXP Semiconductors SSL4120T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
9 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
Fig 3.
Flow diagram of the SSL4120T
NO SUPPLY
-All off
UVP supplies = no
UVP supplies = yes
DISABLED lC
-Only "Enable lC" detection active
Enable PFC = yes
THERMAL HOLD
-Minimum functionality active
OTP = no
SUPIC CHARGE
-HV start-up source on
UVP SUPIC = no
OTP = yes
STATE NAME
Explanation flow diagram symbols
-action 1
-action 2
-...
Disabled items are not mentioned
exit condition 1
reached
exit condition 2
reached
SUPREG CHARGE
-HV start-up source on
-Series stabilizer on
UVP SUPREG = no
OTP = yes
UVP SUPIC= yes
BOOST CHARGE
-HV start-up source on
-Series stabilizer on
-PFC on
UVP boost = no &
Enable lC = yes
SCP boost = yes
UVP SUPIC = yes
OTP = yes
UVP SUPREG = yes
OPERATIONAL SUPPLY
-Series stabilizer on
-PFC on
-HBC on
OVP output =yes
Protection timer
passed *1
-HV start-up source on
-Restart timer on
SCP boost = yes
UVP SUPREG = yes
UVP SUPIC = yes
OTP = yes
UVP boost = yes
or Enable IC = no
START
014aaa851
enable PFC = no
exit condition
next state can be entered
from any state when exit
condition is true
PROTECTION SHUTDOWN
Mains reset = yes
RESTART
Restart time passed
*1Protection timer is activated by:
-UVP output
-OLP HBC
-OCR HBC
-HFP
Table 3.
Operating states
State
Description
No supply
Supply voltages on SUPIC and SUPHV are too low to provide any functionality. Undervoltage
protection (UVP-supplies; see Section 7.9) is active when VSUPHV <Vrst(SUPHV) and
VSUPIC <Vrst(SUPIC). The IC is reset.
Disabled IC
IC is completely disabled because pin SSHBC/EN is LOW.
Thermal hold
Activated as long as OTP is active. IC is not operating. PFC and HBC controllers are disabled
and CSUPIC and CSUPREG are not charged.
SUPIC charge
IC supply capacitor (CSUPIC) is charged by HV start-up source. CSUPREG is not charged.
SUPREG charge
Stabilized supply capacitor (CSUPREG) is charged by series regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com