Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 12Page - Advanced Micro Devices AM29DL642G Datasheet HTML 13Page - Advanced Micro Devices AM29DL642G Datasheet HTML 14Page - Advanced Micro Devices AM29DL642G Datasheet HTML 15Page - Advanced Micro Devices AM29DL642G Datasheet HTML 16Page - Advanced Micro Devices AM29DL642G Datasheet HTML 17Page - Advanced Micro Devices AM29DL642G Datasheet HTML 18Page - Advanced Micro Devices AM29DL642G Datasheet HTML 19Page - Advanced Micro Devices AM29DL642G Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
14
Am29DL642G
June 10, 2005
PRELIMINARY
Bank 4
SA119
1110000xxx
32
380000h–387FFFh
SA120
1110001xxx
32
388000h–38FFFFh
SA121
1110010xxx
32
390000h–397FFFh
SA122
1110011xxx
32
398000h–39FFFFh
SA123
1110100xxx
32
3A0000h–3A7FFFh
SA124
1110101xxx
32
3A8000h–3AFFFFh
SA125
1110110xxx
32
3B0000h–3B7FFFh
SA126
1110111xxx
32
3B8000h–3BFFFFh
SA127
1111000xxx
32
3C0000h–3C7FFFh
SA128
1111001xxx
32
3C8000h–3CFFFFh
SA129
1111010xxx
32
3D0000h–3D7FFFh
SA130
1111011xxx
32
3D8000h–3DFFFFh
SA131
1111100xxx
32
3E0000h–3E7FFFh
SA132
1111101xxx
32
3E8000h–3EFFFFh
SA133
1111110xxx
32
3F0000h–3F7FFFh
SA134
1111111000
4
3F8000h–3F8FFFh
SA135
1111111001
4
3F9000h–3F9FFFh
SA136
1111111010
4
3FA000h–3FAFFFh
SA137
1111111011
4
3FB000h–3FBFFFh
SA138
1111111100
4
3FC000h–3FCFFFh
SA139
1111111101
4
3FD000h–3FDFFFh
SA140
1111111110
4
3FE000h–3FEFFFh
SA141
1111111111
4
3FF000h–3FFFFFh
Table 2.
Am29DL642G Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kwords)
(x16)
Address Range
Table 3.
Am29DL642G Sector Architecture for CE2#
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kwords)
(x16)
Address Range
Bank 1
SA0
0000000000
4
00000h–00FFFh
SA1
0000000001
4
01000h–01FFFh
SA2
0000000010
4
02000h–02FFFh
SA3
0000000011
4
03000h–03FFFh
SA4
0000000100
4
04000h–04FFFh
SA5
0000000101
4
05000h–05FFFh
SA6
0000000110
4
06000h–06FFFh
SA7
0000000111
4
07000h–07FFFh
SA8
0000001xxx
32
08000h–0FFFFh
SA9
0000010xxx
32
10000h–17FFFh
SA10
0000011xxx
32
18000h–1FFFFh
SA11
0000100xxx
32
20000h–27FFFh
SA12
0000101xxx
32
28000h–2FFFFh
SA13
0000110xxx
32
30000h–37FFFh
SA14
0000111xxx
32
38000h–3FFFFh
SA15
0001000xxx
32
40000h–47FFFh
SA16
0001001xxx
32
48000h–4FFFFh
SA17
0001010xxx
32
50000h–57FFFh
SA18
0001011xxx
32
58000h–5FFFFh
SA19
0001100xxx
32
60000h–67FFFh
SA20
0001101xxx
32
68000h–6FFFFh
SA21
0001101xxx
32
70000h–77FFFh
SA22
0001111xxx
32
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com