Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 6Page - Advanced Micro Devices AM29DL642G Datasheet HTML 7Page - Advanced Micro Devices AM29DL642G Datasheet HTML 8Page - Advanced Micro Devices AM29DL642G Datasheet HTML 9Page - Advanced Micro Devices AM29DL642G Datasheet HTML 10Page - Advanced Micro Devices AM29DL642G Datasheet HTML 11Page - Advanced Micro Devices AM29DL642G Datasheet HTML 12Page - Advanced Micro Devices AM29DL642G Datasheet HTML 13Page - Advanced Micro Devices AM29DL642G Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
8
Am29DL642G
June 10, 2005
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29DL642G
70
MD
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
MD
=
63-Ball Fine-pitch Ball Grid Array (FBGA)
0.8 mm pitch, 10.95 x 11.95 mm package (FSD063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29DL642G
128 Megabit (2 x 8 M x 16-Bit) CMOS Simultaneous Operation Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
Fine-pitch BGA Packages
Speed
Order Number
Package
Marking
Am29DL642G70
MDI
D642G70V
I
70 ns
Am29DL642G90
D642G90V
I
90 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com