Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29DL642G Datasheet HTML 1Page - Advanced Micro Devices AM29DL642G Datasheet HTML 2Page - Advanced Micro Devices AM29DL642G Datasheet HTML 3Page - Advanced Micro Devices AM29DL642G Datasheet HTML 4Page - Advanced Micro Devices AM29DL642G Datasheet HTML 5Page - Advanced Micro Devices AM29DL642G Datasheet HTML 6Page - Advanced Micro Devices AM29DL642G Datasheet HTML 7Page - Advanced Micro Devices AM29DL642G Datasheet HTML 8Page - Advanced Micro Devices AM29DL642G Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 26503
Rev: B Amendment/+2
Issue Date: June 10, 2005
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DL642G
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only
Simultaneous Read/Write Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Two 64 Megabit (Am29DL640G) in a single 63-ball 12
x 11 mm Fine-pitch BGA package (features are
described herein for each internal Am29DL640G)
■ Two Chip Enable inputs
— Two CE# inputs to control selection of each internal
Am29DL640G devices
■ Single power supply operation
— 2.7 to 3.6 volt read, erase, and program operations
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
■ Flexible BankTM architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
■ Boot Sectors
— Top and bottom boot sectors in the same device
— Any combination of sectors can be erased
■ SecSi™ (Secured Silicon) SectorSecSiTM (Secured
Silicon) Sector: Extra 256 Byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: One-time programmable only.
Once locked, data cannot be changed
■ High performance
— 70 or 90 ns access time
■ Manufactured on 0.17 µm process technology
■ CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
■ Ultra low power consumption (typical values at 3.0 V,
5 MHz) for the part
— 10 mA typical active read current
— 15 mA typical erase/program current
— 400 nA typical standby mode current
■ Flexible sector architecture
— Two hundred fifty-six 32 Kword sectors
■ Compatibility with JEDEC standards
— Except for the added CE2#, the Fine-pitch BGA is
pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
■ Minimum 1 million erase cycle guarantee per sector
■ 63-ball Fine-pitch BGA Package
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
— Suspends erase operations to allow reading from
other sectors in same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
■ WP#/ACC input pin
— Write protect (WP#) function protects sectors 0, 1,
140, and 141, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
This product has been retired and is not recommended for designs. For new and current designs, S29PL127J supersedes AM29DL642G as the factory-recommended migration path.
Please refer to the S29PL127J datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com