Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 46Page - Advanced Micro Devices AM29DL642G Datasheet HTML 47Page - Advanced Micro Devices AM29DL642G Datasheet HTML 48Page - Advanced Micro Devices AM29DL642G Datasheet HTML 49Page - Advanced Micro Devices AM29DL642G Datasheet HTML 50Page - Advanced Micro Devices AM29DL642G Datasheet HTML 51Page - Advanced Micro Devices AM29DL642G Datasheet HTML 52Page - Advanced Micro Devices AM29DL642G Datasheet HTML 53Page - Advanced Micro Devices AM29DL642G Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
52
Am29DL642G
June 10, 2005
PRELIMINARY
REVISION SUMMARY
Revision A (June 12, 2002)
Initial release.
Revision B (August 27, 2002)
Global
Changed speed rating from 90 ns to 70 ns. Deleted
references and data related to byte mode.
Ordering Information
Added FSD063 package drawing and part number
designator.
Common Flash Interface (CFI)
In 3rd paragraph, corrected last sentence to indicate
that after a reset command, device returns to reading
array data, not autoselect mode.
DC Characteristics
Changed maximum current for I
CC3, ICC4, ICC5 to 10 mA.
In Note 1, indicated that specification is for one die ac-
tive at a time.
AC Characteristics
Read-only Operations: Changed tDF from 30 to 16 ns,
and tOE from 35 to 30 ns. Added note reference to
tACC.
Erase and Program Operations: Changed t
AH and tDS
from 45 to 40 ns, and t
WP from 35 to 30 ns.
Physical Dimensions
Added FSD063 package drawing.
Revision B+1 (September 5, 2002)
Global
Added 90 ns speed option.
DC Characteristics
Deleted I
ACC parameter from table.
Revision B+2 (June 10, 2005)
Modified disclaimers
Trademarks
Copyright ©2002-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com