Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 10Page - Advanced Micro Devices AM29DL642G Datasheet HTML 11Page - Advanced Micro Devices AM29DL642G Datasheet HTML 12Page - Advanced Micro Devices AM29DL642G Datasheet HTML 13Page - Advanced Micro Devices AM29DL642G Datasheet HTML 14Page - Advanced Micro Devices AM29DL642G Datasheet HTML 15Page - Advanced Micro Devices AM29DL642G Datasheet HTML 16Page - Advanced Micro Devices AM29DL642G Datasheet HTML 17Page - Advanced Micro Devices AM29DL642G Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
12
Am29DL642G
June 10, 2005
PRELIMINARY
Bank 2
SA23
0010000xxx
32
80000h–87FFFh
SA24
0010001xxx
32
88000h–8FFFFh
SA25
0010010xxx
32
90000h–97FFFh
SA26
0010011xxx
32
98000h–9FFFFh
SA27
0010100xxx
32
A0000h–A7FFFh
SA28
0010101xxx
32
A8000h–AFFFFh
SA29
0010110xxx
32
B0000h–B7FFFh
SA30
0010111xxx
32
B8000h–BFFFFh
SA31
0011000xxx
32
C0000h–C7FFFh
SA32
0011001xxx
32
C8000h–CFFFFh
SA33
0011010xxx
32
D0000h–D7FFFh
SA34
0011011xxx
32
D8000h–DFFFFh
SA35
0011000xxx
32
E0000h–E7FFFh
SA36
0011101xxx
32
E8000h–EFFFFh
SA37
0011110xxx
32
F0000h–F7FFFh
SA38
0011111xxx
32
F8000h–FFFFFh
SA39
0100000xxx
32
F9000h–107FFFh
SA40
0100001xxx
32
108000h–10FFFFh
SA41
0100010xxx
32
110000h–117FFFh
SA42
0101011xxx
32
118000h–11FFFFh
SA43
0100100xxx
32
120000h–127FFFh
SA44
0100101xxx
32
128000h–12FFFFh
SA45
0100110xxx
32
130000h–137FFFh
SA46
0100111xxx
32
138000h–13FFFFh
SA47
0101000xxx
32
140000h–147FFFh
SA48
0101001xxx
32
148000h–14FFFFh
SA49
0101010xxx
32
150000h–157FFFh
SA50
0101011xxx
32
158000h–15FFFFh
SA51
0101100xxx
32
160000h–167FFFh
SA52
0101101xxx
32
168000h–16FFFFh
SA53
0101110xxx
32
170000h–177FFFh
SA54
0101111xxx
32
178000h–17FFFFh
SA55
0110000xxx
32
180000h–187FFFh
SA56
0110001xxx
32
188000h–18FFFFh
SA57
0110010xxx
32
190000h–197FFFh
SA58
0110011xxx
32
198000h–19FFFFh
SA59
0100100xxx
32
1A0000h–1A7FFFh
SA60
0110101xxx
32
1A8000h–1AFFFFh
SA61
0110110xxx
32
1B0000h–1B7FFFh
SA62
0110111xxx
32
1B8000h–1BFFFFh
SA63
0111000xxx
32
1C0000h–1C7FFFh
SA64
0111001xxx
32
1C8000h–1CFFFFh
SA65
0111010xxx
32
1D0000h–1D7FFFh
SA66
0111011xxx
32
1D8000h–1DFFFFh
SA67
0111100xxx
32
1E0000h–1E7FFFh
SA68
0111101xxx
32
1E8000h–1EFFFFh
SA69
0111110xxx
32
1F0000h–1F7FFFh
SA70
0111111xxx
32
1F8000h–1FFFFFh
Table 2.
Am29DL642G Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kwords)
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com