Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 46Page - Advanced Micro Devices AM29DL642G Datasheet HTML 47Page - Advanced Micro Devices AM29DL642G Datasheet HTML 48Page - Advanced Micro Devices AM29DL642G Datasheet HTML 49Page - Advanced Micro Devices AM29DL642G Datasheet HTML 50Page - Advanced Micro Devices AM29DL642G Datasheet HTML 51Page - Advanced Micro Devices AM29DL642G Datasheet HTML 52Page - Advanced Micro Devices AM29DL642G Datasheet HTML 53Page - Advanced Micro Devices AM29DL642G Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
June 10, 2005
Am29DL642G
51
PRELIMINARY
PHYSICAL DIMENSIONS
FSD063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 10.95 x 11.95 mm package
3224 \ 16-038.14b
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER ASME
Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E"
DIRECTION.
n IS THE NUMBER OF POPULATED
SOLDER BALL POSITIONS FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
NOT USED.
10. A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
FSD 063
JEDEC
N/A
10.95 mm x 11.95 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.40
PROFILE
A1
0.25
---
---
BALL HEIGHT
A2
1.00
---
1.10
BODY THICKNESS
D
11.95 BSC.
BODY SIZE
E
10.95 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
5.60 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
n
63
BALL COUNT
φb
0.30
0.35
0.40
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
A3,A4,A5,A6,B2,B3,B4,B5,B6
C1,C8,D1,D8,E1,E8,F1,F8
DEPOPULATED SOLDER BALLS
G1,G8,H1,H8,J1,J8,K1,K8
L3,L4,L5,L6,M3,M4,M5,M6
63X
6
b
0.20 C
C
0.15
B
A
C
C
M
M
0.08
C
SIDE VIEW
A2
A1
A
0.08
C
0.15
(2X)
(2X)
C
0.15
B
A
D
E
TOP VIEW
10
INDEX MARK
CORNER
PIN A1
L
M
eD
CORNER
E1
7
SE
D1
A
B
DC
E
F
HG
8
7
5
6
4
2
3
J
K
1
eE
SD
BOTTOM VIEW
PIN A1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com