Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL642G Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29DL642G
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 9Page - Advanced Micro Devices AM29DL642G Datasheet HTML 10Page - Advanced Micro Devices AM29DL642G Datasheet HTML 11Page - Advanced Micro Devices AM29DL642G Datasheet HTML 12Page - Advanced Micro Devices AM29DL642G Datasheet HTML 13Page - Advanced Micro Devices AM29DL642G Datasheet HTML 14Page - Advanced Micro Devices AM29DL642G Datasheet HTML 15Page - Advanced Micro Devices AM29DL642G Datasheet HTML 16Page - Advanced Micro Devices AM29DL642G Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
June 10, 2005
Am29DL642G
11
PRELIMINARY
terrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current will
be greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The sys-
tem can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of t
READY (not during Embedded Algo-
rithms). The system can read data t
RH after the RE-
SET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Am29DL642G Sector Architecture
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kwords)
(x16)
Address Range
Bank 1
SA0
0000000000
4
00000h–00FFFh
SA1
0000000001
4
01000h–01FFFh
SA2
0000000010
4
02000h–02FFFh
SA3
0000000011
4
03000h–03FFFh
SA4
0000000100
4
04000h–04FFFh
SA5
0000000101
4
05000h–05FFFh
SA6
0000000110
4
06000h–06FFFh
SA7
0000000111
4
07000h–07FFFh
SA8
0000001xxx
32
08000h–0FFFFh
SA9
0000010xxx
32
10000h–17FFFh
SA10
0000011xxx
32
18000h–1FFFFh
SA11
0000100xxx
32
20000h–27FFFh
SA12
0000101xxx
32
28000h–2FFFFh
SA13
0000110xxx
32
30000h–37FFFh
SA14
0000111xxx
32
38000h–3FFFFh
SA15
0001000xxx
32
40000h–47FFFh
SA16
0001001xxx
32
48000h–4FFFFh
SA17
0001010xxx
32
50000h–57FFFh
SA18
0001011xxx
32
58000h–5FFFFh
SA19
0001100xxx
32
60000h–67FFFh
SA20
0001101xxx
32
68000h–6FFFFh
SA21
0001101xxx
32
70000h–77FFFh
SA22
0001111xxx
32
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com