Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 27Page - Texas Instruments PCM4108CPAPT Datasheet HTML 28Page - Texas Instruments PCM4108CPAPT Datasheet HTML 29Page - Texas Instruments PCM4108CPAPT Datasheet HTML 30Page - Texas Instruments PCM4108CPAPT Datasheet HTML 31Page - Texas Instruments PCM4108CPAPT Datasheet HTML 32Page - Texas Instruments PCM4108CPAPT Datasheet HTML 33Page - Texas Instruments PCM4108CPAPT Datasheet HTML 34Page - Texas Instruments PCM4108CPAPT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
31
Table 7. Control Register Map for Bank B
CONTROL REGISTER ADDRESS
(HEX)
MSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
BIT 0
0
0
0
0
0
0
0
0
0
1
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
2
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
3
AT77
AT76
AT75
AT74
AT73
AT72
AT71
AT70
4
AT87
AT86
AT85
AT84
AT83
AT82
AT81
AT80
5
MUT8
MUT7
MUT6
MUT5
ZDM
PHASE
DEM1
DEM0
6
RST
0
0
0
PDN78
PDN56
FS1
FS0
7
0
0
BCKE
LRCKP
0
FMT2
FMT1
FMT0
Register 1: Attenuation Control Register − Channel 5
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
This register controls the digital output attenuation for
Channel 5.
Default: AT5[7:0] = 255, or 0dB
Let N = AT5[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 2: Attenuation Control Register – Channel 6
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
This register controls the digital output attenuation for
Channel 6.
Default: AT6[7:0] = 255, or 0dB
Let N = AT6[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 3: Attenuation Control Register – Channel 7
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT77
AT76
AT75
AT74
AT73
AT72
AT71
AT70
This register controls the digital output attenuation for
Channel 7.
Default: AT7[7:0] = 255, or 0dB
Let N = AT7[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 4: Attenuation Control Register – Channel 8
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT87
AT86
AT85
AT84
AT83
AT82
AT81
AT80
This register controls the digital output attenuation for
Channel 8.
Default: AT8[7:0] = 255, or 0dB
Let N = AT8[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com