Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 8Page - Texas Instruments PCM4108CPAPT Datasheet HTML 9Page - Texas Instruments PCM4108CPAPT Datasheet HTML 10Page - Texas Instruments PCM4108CPAPT Datasheet HTML 11Page - Texas Instruments PCM4108CPAPT Datasheet HTML 12Page - Texas Instruments PCM4108CPAPT Datasheet HTML 13Page - Texas Instruments PCM4108CPAPT Datasheet HTML 14Page - Texas Instruments PCM4108CPAPT Datasheet HTML 15Page - Texas Instruments PCM4108CPAPT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
12
TYPICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 10Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
THD+N vs AMPLITUDE
Amplitude (dBFS)
−80
−85
−90
−95
−100
−105
−110
−115
−120
f
S = 192kHz
f
IN =1kHz
24−Bit Data
THD+N vs AMPLITUDE
Amplitude (dBFS)
−80
−85
−90
−95
−100
−105
−110
−115
−120
f
S = 44.1kHz
f
IN =1kHz
16−Bit Data
0
−20
−40
−60
−80
−100
−120
−140
−160
FREQUENCY RESPONSE
01
2
3
4
Frequency (x f
S)
0.003
0.002
0.001
0
−0.001
−0.002
−0.003
PASSBAND RIPPLE
0
0.1
0.2
0.3
0.4
0.5
Frequency (x f
S)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
DE−EMPHASIS FILTER RESPONSE (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
DE−EMPHASIS ERROR (f
S = 32kHz)
02
468
10
12
14
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com