Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 15Page - Texas Instruments PCM4108CPAPT Datasheet HTML 16Page - Texas Instruments PCM4108CPAPT Datasheet HTML 17Page - Texas Instruments PCM4108CPAPT Datasheet HTML 18Page - Texas Instruments PCM4108CPAPT Datasheet HTML 19Page - Texas Instruments PCM4108CPAPT Datasheet HTML 20Page - Texas Instruments PCM4108CPAPT Datasheet HTML 21Page - Texas Instruments PCM4108CPAPT Datasheet HTML 22Page - Texas Instruments PCM4108CPAPT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
19
POWER-DOWN OPERATION
The PCM4108 can be forced to a power-down state by
applying a low level to the RST input for a minimum of
65,536 system clock cycles. In power-down mode, all
internal clocks are stopped, and analog outputs are set to
a high-impedance state. The system clock can then be
removed to conserve additional power. In the case of a
system clock restart when exiting the power-down state,
the clock should be restarted prior to a low-to-high
transition of the reset signal at the RST input. The
low-to-high transition of the reset signal initiates a reset
sequence, as described in the Reset Operation section of
this data sheet.
In Software mode, two additional power-down controls are
provided. The PDN12 and PDN34 bits are located in
Control Register 6 of Bank A and may be used to
power-down channel pairs, with PDN12 corresponding to
channels 1 and 2, and PDN34 corresponding to channels
3 and 4. The PDN56 and PDN78 bits are located in Control
Register 6 of Bank B, with PDN56 corresponding to
channels 5 and 6, and PDN78 corresponding to channels
7 and 8. This design allows the user to conserve power
when a channel pair is not in use. The power-down
function is the same as described in the previous
paragraph for the corresponding channel pair. Unlike the
power-down function implemented using the RST input,
setting a power-down bit will immediately power down the
corresponding channel pair.
When exiting power-down mode, either by forcing the RST
input high or by setting the corresponding control bits low,
the analog outputs will transition from the high-impedance
state to the mute state, with the output level set to the
bipolar zero voltage. There may be a small transient
created by this transition, since an internal capacitor
charge can initially force the output to a voltage above or
below bipolar zero, or external circuitry can pull the outputs
to some other voltage level. Figure 8 illustrates the state of
the analog outputs before, during, and after a power-down
event.
Analog
Outputs
65,536
SCKI Periods
Outputs are On
Outputs are
Muted
RST
0V
V
DD
Analog
Outputs
1024
SCKI Periods
Required for
Initialization
1024
SCKI Periods
Required for
Initialization
Outputs are On
Outputs are On
Outputs are On
Outputs are
High Impedance
Outputs are
High Impedance
Outputs Transition
from High Impedance
to Muted State
Outputs Transition
from High Impedance
to Muted State
PDN12
PDN34
PDN56
PDN78
LO
HI
Outputs are On
Transitioning
to Driven State
Figure 8. Analog Output State for Power-Down Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com