Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 31Page - Texas Instruments PCM4108CPAPT Datasheet HTML 32Page - Texas Instruments PCM4108CPAPT Datasheet HTML 33Page - Texas Instruments PCM4108CPAPT Datasheet HTML 34Page - Texas Instruments PCM4108CPAPT Datasheet HTML 35Page - Texas Instruments PCM4108CPAPT Datasheet HTML 36Page - Texas Instruments PCM4108CPAPT Datasheet HTML 37Page - Texas Instruments PCM4108CPAPT Datasheet HTML 38Page - Texas Instruments PCM4108CPAPT Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
36
499
Ω
604
Ω
1k
Ω
100
Ω
Filtered
Output
RCA or 1/4−inch
Phone Jack
NE5534A
PCM4108
560pF
499
Ω
1k
Ω
560pF
604
Ω
2200pF
22pF
0.1
µF
10
µF
+12V
VOUTn
−
VOUTn+
n = 1, 2, 3, 4, 5, 6, 7, or 8
2
3
7
6
4
10
µF
0.1
µF
−12V
+
+
Figure 20. Single-Ended Output Filter Circuit
499
Ω
604
Ω
100
Ω
100
Ω
1k
Ω
1k
Ω
Filtered
Output
Male XLR
Connector
OPA1632
PCM4108
560pF
560pF
499
Ω
604
Ω
2200pF
22pF
0.01
µF
10
µF
−15V
VOUTn
−
VOUTn+
n = 1, 2, 3, 4, 5, 6, 7, or 8
2
1
8
EN
V
OCM
2
3
1
7
6
3
4
5
10
µF
0.01
µF
+15V
+
+
Figure 21. Differential Output Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com