Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 20Page - Texas Instruments PCM4108CPAPT Datasheet HTML 21Page - Texas Instruments PCM4108CPAPT Datasheet HTML 22Page - Texas Instruments PCM4108CPAPT Datasheet HTML 23Page - Texas Instruments PCM4108CPAPT Datasheet HTML 24Page - Texas Instruments PCM4108CPAPT Datasheet HTML 25Page - Texas Instruments PCM4108CPAPT Datasheet HTML 26Page - Texas Instruments PCM4108CPAPT Datasheet HTML 27Page - Texas Instruments PCM4108CPAPT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
24
STANDALONE MODE CONFIGURATION
Standalone mode is selected by forcing the MODE input
(pin 12) low. Standalone mode operation provides a
subset of the functions available in Software mode, while
providing an option for a simplified control model.
Standalone configuration is accomplished by either
hardwiring or driving a small set of input pins with external
logic or switches. Standalone mode functions include
sampling mode and audio data format selection, an
all-channel soft mute function, and digital de-emphasis
filtering. The following paragraphs provide a brief
description of each function available when using
Standalone mode.
Sampling Mode
The sampling mode is selected using the FS0 (pin 36) and
FS1 (pin 37) inputs. A more detailed discussion of the
sampling modes was provided in an earlier section of this
data sheet. Table 2 summarizes the sampling mode
configuration for Standalone mode.
Table 2. Sampling Mode Configuration
FS1
FS0
SAMPLING MODE
0
0
Single Rate
0
1
Dual Rate
1
0
Quad Rate
1
1
− Not Used −
Audio Data Format
The audio data format is selected using the FMT0 (pin 33),
FMT1 (pin 34), and FMT2 (pin 35) inputs. A detailed
discussion of the audio serial port operation and the
corresponding data formats was provided in the Audio
Serial Port section on pages 20 through 23. For
Standalone mode, the LRCK polarity is always normal,
while the serial audio data is always sampled on the rising
edge of the BCK clock. Table 3 shows the audio data
format configuration for Standalone mode.
Table 3. Audio Data Format Configuration
FMT2
FMT1
FMT0
AUDIO DATA FORMAT
0
0
0
24-bit, left-justified
0
0
1
24-bit I2S
0
1
0
TDM with zero BCK delay
0
1
1
TDM with one BCK delay
1
0
0
24-bit, right-justified
1
0
1
20-bit, right-justified
1
1
0
18-bit, right-justified
1
1
1
16-bit, right-justified
Soft Mute Function
The MUTE input (pin 14) may be used in either the
Standalone or Software modes to simultaneously mute the
eight output channels. The soft mute function slowly ramps
the digital output attenuation from its current setting to the
mute level, minimizing or eliminating audible artifacts.
Table 4 summarizes MUTE function operation.
Table 4. Mute Function Configuration
MUTE
ANALOG OUTPUTS
0
On (mute disabled)
1
Muted
Digital De-Emphasis
This is a global digital function (common to all eight
channels) and provides de-emphasis of the higher
frequency
content
within
the
20kHz
audio
band.
De-emphasis is required when the input audio data has
been pre-emphasized. Pre-emphasis entails increasing
the amplitude of the higher frequency components in the
20kHz audio band using a standardized filter function in
order to enhance the high-frequency response. The
PCM4108 de-emphasis filters implement the standard
50/15
µs de-emphasis transfer function commonly used in
digital audio applications.
De-emphasis filtering is available for three input sampling
frequencies in Single Rate sampling mode: 32kHz,
44.1kHz, and 48kHz. De-emphasis is not available when
operating in Dual or Quad Rate sampling modes. The
de-emphasis filter is selected using the DEM0 (pin 16) and
DEM1 (pin 15) inputs. Table 5 illustrates the de-emphasis
filter configuration for Standalone mode.
Table 5. Digital De-Emphasis Configuration
DEM1
DEM0
DIGITAL DE-EMPHASIS MODE
0
0
Off (de-emphasis disabled)
0
1
48kHz
1
0
44.1kHz
1
1
32kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com