Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 1 Page - Texas Instruments

  PCM4108CPAPT Datasheet HTML 1Page - Texas Instruments PCM4108CPAPT Datasheet HTML 2Page - Texas Instruments PCM4108CPAPT Datasheet HTML 3Page - Texas Instruments PCM4108CPAPT Datasheet HTML 4Page - Texas Instruments PCM4108CPAPT Datasheet HTML 5Page - Texas Instruments PCM4108CPAPT Datasheet HTML 6Page - Texas Instruments PCM4108CPAPT Datasheet HTML 7Page - Texas Instruments PCM4108CPAPT Datasheet HTML 8Page - Texas Instruments PCM4108CPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
FEATURES
D Eight High-Performance, Multi-Level,
Delta-Sigma Digital-to-Analog Converters
D Differential Voltage Outputs:
− Full-Scale Output (Differential): 6.15VPP
D Supports Sampling Frequencies up to 216kHz
D Typical Dynamic Performance (24-Bit Data):
− Dynamic Range (A-Weighted): 118dB
− THD+N: −100dB
D Linear Phase, 8x Oversampling Digital
Interpolation Filter
D Digital De-Emphasis Filters for 32kHz,
44.1kHz, and 48kHz Sampling Rates
D Soft Mute Function:
− All-Channel Mute via the MUTE Input Pin
− Per-Channel Mute Available in Software
Mode
D Digital Attenuation (Software Mode Only):
− Attenuation Range: 0dB to −119.5dB
− 256 Steps with 0.5dB per Step
D Output Phase Inversion (Software Mode Only)
D Zero Data Mute (Software Mode Only)
D Audio Serial Port:
− Supports Left-Justified, Right-Justified,
I2S
E, and TDM Data Formats
− Accepts 16-, 18-, 20, and 24-Bit Two’s
Complement PCM Audio Data
D Standalone or Software-Controlled
Configuration Modes
D Five-Wire Serial Peripheral Interface (SPIE)
Port Provides Control Register Access in
Software Mode
D Power Supplies: +5V Analog, +3.3V Digital
D Power Dissipation:
− 406mW typical with fS = 48kHz
− 440mW typical with fS = 96kHz
− 472mW typical with fS = 192kHz
D Power-Down Modes
D 64-Lead HTQFP Package
APPLICATIONS
D Digital Mixing Consoles
D Digital Audio Workstations
D Digital Audio Effects Processors
D Broadcast Studio Equipment
D Surround-Sound Processors
D High-End A/V Receivers
DESCRIPTION
The PCM4108 is a high-performance, eight-channel
digital-to-analog (D/A) converter designed for use in
professional audio applications. The PCM4108 supports
16- to 24-bit linear PCM input data, with sampling
frequencies up to 216kHz. The PCM4108 features lower
power consumption, making it ideal for use in high channel
count applications by lowering the overall power budget
required for the D/A conversion sub-system.
The
PCM4108
features
a
multi-bit
delta-sigma
architecture, followed by a switched capacitor output filter.
This architecture yields lower out-of-band noise and a high
tolerance to system clock phase jitter. Differential voltage
outputs are provided for each channel and are well-suited
to high-performance audio applications. The differential
outputs are easily converted to a single-ended output
using an external op amp IC.
The PCM4108 includes a flexible audio serial port
interface, which supports standard and time division
multiplexed (TDM) formats. In addition, the PCM4108
offers
two
configuration
modes:
Standalone
and
Software-Controlled. The Standalone mode provides
dedicated control pins for configuring a subset of the
available PCM4108 functions, while Software mode
utilizes a serial peripheral interface (SPI) port for
accessing the complete feature set via internal control
registers.
The PCM4108 operates from a +5V analog power supply
and a +3.3V digital power supply. The digital I/O is
compatible with +3.3V logic families. The PCM4108 is
available in a 64-lead HTQFP package.
All trademarks are the property of their respective owners.
PCM4108
SBAS354 − JUNE 2005
HighPerformance, 24Bit, 216kHz Sampling, EightChannel Audio
DigitaltoAnalog Converter
PRODUCT PREVIEW information concerns products in the formative or design
phase of development. Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or discontinue these
products without notice.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCM4108CPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4104 TI2-PCM4104 Datasheet
745Kb / 40P
High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
REVISED DECEMBER 2004
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104IPFBREP TI-PCM4104IPFBREP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM4108CPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
High-Performance, 24-Bit,216kHz Sampling
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com