Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPT Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM4108CPAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPT Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM4108CPAPT Datasheet HTML 23Page - Texas Instruments PCM4108CPAPT Datasheet HTML 24Page - Texas Instruments PCM4108CPAPT Datasheet HTML 25Page - Texas Instruments PCM4108CPAPT Datasheet HTML 26Page - Texas Instruments PCM4108CPAPT Datasheet HTML 27Page - Texas Instruments PCM4108CPAPT Datasheet HTML 28Page - Texas Instruments PCM4108CPAPT Datasheet HTML 29Page - Texas Instruments PCM4108CPAPT Datasheet HTML 30Page - Texas Instruments PCM4108CPAPT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
27
CSA
CSB
CDIN
CCLK
byte 0
byte 1
byte 2
byte 3
byte N
R/W INC
1
0
A3
A2
A1
A0
Auto−Increment Control: Set to 1 for Auto−Increment Operation
Read/WriteControl: 0 = Write
1= Read
MSB
LSB
Control Byte Definition (Byte 0)
Register Data
Register Data
Control Byte
CDOUT
High Impedance
byte 1
byte 2
byte 3
byte N
Register Address
Register Data
Register Data
Register Data
Register Data
Register Data
Figure 17. Auto-Increment Write or Read Operation
High Impedance (Hi Z)
Hi Z
CSA
CSB
CCLK
CDIN
CDOUT
MSB
MSB
LSB
t
DO
t
DS
t
DH
t
CH
t
CSZ
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CDIN Data Setup Time
5
2
2
5
5
ns
CDIN DataHoldTime
ns
CS Hold Time
ns
CDOUT Data Delay Time
ns
CS High to CDOUT Hi Z
t
DS
t
DH
t
CH
t
DO
t
CSZ
ns
Figure 18. SPI Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com