Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 2 Page - NXP Semiconductors

  K32L3A Datasheet HTML 1Page - NXP Semiconductors K32L3A Datasheet HTML 2Page - NXP Semiconductors K32L3A Datasheet HTML 3Page - NXP Semiconductors K32L3A Datasheet HTML 4Page - NXP Semiconductors K32L3A Datasheet HTML 5Page - NXP Semiconductors K32L3A Datasheet HTML 6Page - NXP Semiconductors K32L3A Datasheet HTML 7Page - NXP Semiconductors K32L3A Datasheet HTML 8Page - NXP Semiconductors K32L3A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 162 page
background image
• Two internal Watchdog and one external Watchdog Monitor
• Low-leakage wakeup unit
• JTAG and Serial Wire Debug, version 2.0, programming and
debug interface with multi-drop capability
• Trace Features for M4F
• Cross Trigger Interface
• Embedded Trace Macrocell
• Trace Port Interface Unit
• Trace Features for M0+
• Cross Trigger Interface
• Micro Trace Buffer
• Breakpoint and Watchpoint Unit
• Nested Vectored Interrupt Controller
• Memory Protection Unit
• Extended Resource Domain Controller
Power Management
• Bypass mode: 1.71 V to 3.6 V
• Buck DC-DC converter: 2.1 V to 3.6 V
• Core voltage bypass: 1.14 V to 1.45 V direct supply to core,
bypassing internal regulator
• Independent VDDIO1 and VDDIO2 supply: 1.71 V to 3.6 V
• Independent VBAT(RTC): 1.71 V to 3.6 V
• 1 x 32 ch. FlexIO supporting emulation of
UART, I2C, SPI, I2S, Camera IF, LCD RGB,
PWM/Waveform generation
• 4 x low power UART (LPUART)
• 4 x low power I2C (LPI2C) modules supporting
up to 1 Mbps
• 4 x 16-bit low power SPI (LPSPI) supporting
up to 24 Mbps
• 1 x EMVSIM module supporting supporting
ISO-7816 protocol
• 1 x Serial Audio Interface (SAI) with support for
I2S and AC'97
• 1 x Secure Digital Hardware Controller
(uSDHC)
I/O
• 104 General-purpose input/output pins (GPIO)
Packages
• 176 VFBGA 9mm x 9mm x 0.86mm, 0.5mm
pitch, -40 °C to 105 °C
Related resources
Type
Description
Selector Guide
The NXP Solution Advisor is a web-based tool that features interactive application wizards and a
dynamic product selector.
Reference Manual
The Reference Manual contains a comprehensive description of the structure and function
(operation) of a device.
Data Sheet
The Data Sheet includes electrical characteristics and signal connections.
Chip Errata
The chip mask set Errata provides additional or corrective information for a particular device mask
set.
Package drawing
Package dimensions are provided in package drawings.
2
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com