Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 36Page - NXP Semiconductors K32L3A Datasheet HTML 37Page - NXP Semiconductors K32L3A Datasheet HTML 38Page - NXP Semiconductors K32L3A Datasheet HTML 39Page - NXP Semiconductors K32L3A Datasheet HTML 40Page - NXP Semiconductors K32L3A Datasheet HTML 41Page - NXP Semiconductors K32L3A Datasheet HTML 42Page - NXP Semiconductors K32L3A Datasheet HTML 43Page - NXP Semiconductors K32L3A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 162 page
background image
detect that the line is low, and thereby know that another I2C node is active at the
same time.
• When node detection is used on the SCL line, it is called clock stretching, and
clock stretching is used as a I2C flow control mechanism for multiple laves.
• When node detection is used on the SDA line, it is called arbitration, and
arbitration ensures that there is only one I2C node transmitter at a time.
• General call, 7-bit and 10-bit addressing
• Software reset, START byte and Device ID (also require software support)
The LPI2C master supports:
• Command/transmit FIFO of 4words.
• Receive FIFO of 4words.
• Command FIFO will wait for idle I2C bus before initiating transfer
• Command FIFO can initiate (repeated) START and STOP conditions and one or
more master-receiver transfers
• STOP condition can be generated from command FIFO, or generated automatically
when the transmit FIFO is empty
• Host request input to control the start time of an I2C bus transfer
• Flexible receive data match can generate interrupt on data match and/or discard
unwanted data
• Flag and optional interrupt to signal Repeated START condition, STOP condition,
loss of arbitration, unexpected NACK, and command word errors
• Supports configurable bus idle timeout and pin-stuck-low timeout
The LPI2C slave supports:
• Separate I2C slave registers to minimize software overhead because of master/slave
switching
• Support for 7-bit or 10-bit addressing, address range, SMBus alert and general call
address
• Transmit data register that supports interrupt or DMA requests
• Receive data register that supports interrupt or DMA requests
• Software-controllable ACK or NACK, with optional clock stretching on ACK/
NACK bit
• Configurable clock stretching, to avoid transmit FIFO underrun and receive FIFO
overrun errors
• Flag and optional interrupt at end of packet, STOP condition, or bit error detection
Overview
40
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com