Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 9Page - NXP Semiconductors K32L3A Datasheet HTML 10Page - NXP Semiconductors K32L3A Datasheet HTML 11Page - NXP Semiconductors K32L3A Datasheet HTML 12Page - NXP Semiconductors K32L3A Datasheet HTML 13Page - NXP Semiconductors K32L3A Datasheet HTML 14Page - NXP Semiconductors K32L3A Datasheet HTML 15Page - NXP Semiconductors K32L3A Datasheet HTML 16Page - NXP Semiconductors K32L3A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 162 page
background image
• Automatic detection of the active peripheral
• Ability to disable any peripheral
• LPUART peripheral implements autobaud
• Common packet-based protocol for all peripherals
• Packet error detection and retransmission
• Flash-resident configuration options
• Fully supports internal flash security, including ability to mass erase or unlock
security via the backdoor key
• Protection of RAM used by the bootloader while it is running
• Provides command to read properties of the device, such as flash and RAM size
• Multiple options for executing the bootloader either at system start-up or under
application control at runtime
• Supports internal flash
• Supports encrypted image download
• ROM boots from either M4 (Default) or M0+ by configuring to FOPT IFR
(record Index 0x84)
2.1.8 Clock options
This chip provides a wide range of sources to generate the internal clocks. These
sources include internal reference clock (IRC) oscillators, external oscillators, external
clock sources, ceramic resonators, and frequency-locked loop (FLL). These sources
can be configured to provide the required performance and optimize the power
consumption.
The IRC oscillators include the fast internal reference clock (FIRC) oscillator, the
slow internal reference clock (SIRC) oscillator, and the low power oscillator (LPO).
The fast internal resistor capacitor (FIRC) oscillator generates a clock ranging
between 48 MHz and 60 MHz.
The slow internal resistor capacitor (SIRC) oscillator generates clock at either 8 MHz
or 2 MHz. It can serve as the low power, low speed system clock under very low
power run (VLPR) mode or very low power wait (VLPW) mode. It can also be
provided as clock source for other on-chip modules. The SIRC cannot be used in any
VLLS modes.
The LPO generates a 1 kHz clock and default to be off in VLLS0 but can be enabled
by configuring bits of SPM_CORELPCNFG[LPOEN] and
SPM_CORELPCNFG[ALLREFEN].
Overview
K32L3A, Rev. 1, 09/2019
13
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com