Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 17Page - NXP Semiconductors K32L3A Datasheet HTML 18Page - NXP Semiconductors K32L3A Datasheet HTML 19Page - NXP Semiconductors K32L3A Datasheet HTML 20Page - NXP Semiconductors K32L3A Datasheet HTML 21Page - NXP Semiconductors K32L3A Datasheet HTML 22Page - NXP Semiconductors K32L3A Datasheet HTML 23Page - NXP Semiconductors K32L3A Datasheet HTML 24Page - NXP Semiconductors K32L3A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
1. SR for reset related control and FF for power model related control
2. OFF for reset related control and FF for power model related control
3. It depends on MCU arbitration and SPM LPSEL/BGEN bit.
4. It depends on MCU arbitration and SPM LVDEN/BGEN/ALLREFN bit
5. It depends on MCU arbitration and SPM POREN bit.
6. It depends on MCU arbitration and SPM LPOEN/ALLREFN bit.
7. It depends on the configurations, see the next table for details.
8. Requires the VBAT supply to be properly powered.
9. It depends on SPM_CORELPCNFG[ALLREFEN] =1.
10. It depends on SPM_CORESC[VDDIOOVRIDE] = 1, SPM_CORELPCNFG[ALLREFEN] =1, and VDDIO2.
The following tables list all power mode combinations and corresponding power
behaviors.
Table 8. MCU power mode combinations
CM4F power mode1
CM0+ power mode2
Max CM4F core
clock frequency
Max CM0+ core
clock frequency
MCU power mode3
RUN
RUN
48MHz
48MHz
RUN
RUN
HSRUN
72MHz
72MHz
HSRUN
RUN
VLPR
48MHz
48MHz
RUN
RUN
VLPW
48MHz
OFF
RUN
RUN
VLPS
48MHz
OFF
RUN
RUN
STOP/PSTOP
48MHz
OFF
RUN
RUN
LLS
48MHz
OFF
RUN
RUN
VLLS
48MHz
OFF
RUN
HSRUN
RUN
72MHz
72MHz
HSRUN
HSRUN
HSRUN
72MHz
72MHz
HSRUN
HSRUN
VLPR
72MHz
72MHz
HSRUN
HSRUN
VLPW
72MHz
OFF
HSRUN
HSRUN
VLPS
72MHz
OFF
HSRUN
HSRUN
STOP/PSTOP
72MHz
OFF
HSRUN
HSRUN
LLS
72MHz
OFF
HSRUN
HSRUN
VLLS
72MHz
OFF
HSRUN
VLPR
RUN
48MHz
48MHz
RUN
VLPR
HSRUN
72MHz
72MHz
HSRUN
VLPR
VLPR
8MHz
8MHz
VLP
VLPR
VLPW
8MHz
OFF
VLP
VLPR
VLPS
8MHz
OFF
VLP
VLPR
STOP/PSTOP
48MHz
OFF
RUN
VLPR
LLS
8MHz
OFF
VLP
VLPR
VLLS
8MHz
OFF
VLP
VLPW
RUN
OFF
48MHz
RUN
VLPW
HSRUN
OFF
72MHz
HSRUN
VLPW
VLPR
OFF
8MHz
VLP
Table continues on the next page...
Overview
K32L3A, Rev. 1, 09/2019
21
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com