Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 96 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 92Page - NXP Semiconductors K32L3A Datasheet HTML 93Page - NXP Semiconductors K32L3A Datasheet HTML 94Page - NXP Semiconductors K32L3A Datasheet HTML 95Page - NXP Semiconductors K32L3A Datasheet HTML 96Page - NXP Semiconductors K32L3A Datasheet HTML 97Page - NXP Semiconductors K32L3A Datasheet HTML 98Page - NXP Semiconductors K32L3A Datasheet HTML 99Page - NXP Semiconductors K32L3A Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 162 page
background image
Table 65. Power consumption operating behaviors in regulator mode (continued)
Symbol
Description
Temp
(°C)
Active
core
LDO
(VDD_DCDC=3V)
DCDC
(VDD_DCDC=3.3V
)
Unit
Notes
Typ.
Max
Typ.
Max
1
5.657
6.222
3.444
3.789
0 & 1
10.212
11.234
5.654
6.219
IDD_DCDC
Active core in high speed
RUN Inactive core in
STOP while (1) loop. All
peripheral clocks
disabled. Execution from
flash Core VDD = 1.4 V.
Core clock = 72 MHz
25
0
10.218
11.240
5.975
6.573
mA
1
5.338
5.872
3.562
3.919
0 & 1
12.814
14.096
7.210
7.931
70
0
10.563
11.620
6.183
6.801
1
5.660
6.226
3.732
4.105
0 & 1
13.199
14.518
7.438
8.182
85
0
11.073
12.181
6.425
7.068
1
6.118
6.730
3.947
4.342
0 & 1
13.691
15.060
7.685
8.454
105
0
12.068
13.275
7.053
7.759
1
7.087
7.796
4.534
4.988
0 & 1
14.687
16.156
8.338
9.172
IDD_DCDC
Active core in high speed
RUN Inactive core in
STOP while (1) loop All
peripheral clocks enabled
Execution from flash
Core Vdd = 1.4V Core
clock = 72MHz
25
0
12.819
14.101
7.215
7.937
mA
1
7.439
8.183
4.512
4.963
0 & 1
17.301
19.031
9.420
10.362
70
0
13.214
14.535
7.448
8.193
1
7.792
8.571
4.712
5.183
0 & 1
17.755
19.531
9.703
10.673
85
0
13.736
15.109
7.705
8.476
1
8.270
9.097
4.932
5.425
0 & 1
18.249
20.073
9.975
10.972
105
0
14.777
16.255
8.373
9.211
1
9.285
10.214
5.554
6.109
0 & 1
19.331
21.264
10.688
11.757
IDD_DCDC
Active core in high speed
RUN Inactive core in
STOP, Compute
Operation Execution from
flash Core Vdd = 1.4V
Core clock = 72MHz
25
0
9.474
10.422
5.592
6.152
mA
1
4.635
5.098
3.205
3.525
0 & 1
11.935
13.128
6.752
7.428
70
0
9.829
10.812
5.795
6.374
1
4.966
5.463
3.373
3.711
0 & 1
12.315
13.546
6.980
7.678
85
0
10.319
11.350
6.032
6.635
1
5.394
5.933
3.584
3.942
0 & 1
12.807
14.087
7.226
7.949
105
0
11.309
12.440
6.655
7.320
Table continues on the next page...
Electrical characteristics
96
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com