Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 90 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 86Page - NXP Semiconductors K32L3A Datasheet HTML 87Page - NXP Semiconductors K32L3A Datasheet HTML 88Page - NXP Semiconductors K32L3A Datasheet HTML 89Page - NXP Semiconductors K32L3A Datasheet HTML 90Page - NXP Semiconductors K32L3A Datasheet HTML 91Page - NXP Semiconductors K32L3A Datasheet HTML 92Page - NXP Semiconductors K32L3A Datasheet HTML 93Page - NXP Semiconductors K32L3A Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 162 page
background image
80%
20%
50%
VIL
Input Signal
VIH
Fall Time
High
Low
Rise Time
Midpoint1
The midpoint is VIL + (VIH - VIL) / 2
Figure 10. Input signal measurement reference
All digital I/O switching characteristics, unless otherwise specified, assume that the
output pins have the following characteristics.
• CL=30 pF loads
• Slew rate disabled
• Normal drive strength
4.3.2 Nonswitching electrical specifications
4.3.2.1 Voltage and current operating requirements
NOTE
The term ‘VDDIO’ in the following table refers to the
associated supply rail (either VDDIO1 or VDDIO2) of an input or
output.
Table 60. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD_DCDC(R
UN)
Supply of DCDC and AUXREG.
2.1
3.6
V
VDD_CORE(R
UN)
Core and digital logic supply voltage for RUN
mode
1.14
1.32
V
1
VDD_CORE(H
SRUN)
Core and digital logic supply voltage for HSRUN
mode
1.33
1.47
V
VDDIO1
Supply for Ports A, B, C, D and CORELDO
1.71
3.6
V
VDDIO2
Supply for Port E
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDDIO –
VDDA
VDDIO-to-VDDA differential voltage
–100
100
mV
2
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VIH
Input high voltage
Table continues on the next page...
Electrical characteristics
90
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com