Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L3A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 35Page - NXP Semiconductors K32L3A Datasheet HTML 36Page - NXP Semiconductors K32L3A Datasheet HTML 37Page - NXP Semiconductors K32L3A Datasheet HTML 38Page - NXP Semiconductors K32L3A Datasheet HTML 39Page - NXP Semiconductors K32L3A Datasheet HTML 40Page - NXP Semiconductors K32L3A Datasheet HTML 41Page - NXP Semiconductors K32L3A Datasheet HTML 42Page - NXP Semiconductors K32L3A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 162 page
background image
• Windowed, which is ideal for certain PWM zero-crossing-detection
applications
• Digitally Filtered
• Selectable performance levels: nano mode, normal mode, high speed mode
• Programmable hysteresis control
• Selectable inversion on comparator output
• External hysteresis can be used at the same time that the output filter is used for
internal functions
• Interrupt and DMA support
• Includes a 6-bit resolution DAC
• Selectable supply reference source for DAC
• Configurable low power mode or high speed mode for DAC
2.2.9 LPI2C
This device contains four LPI2C modules, which supports an efficient interface to an
I2C bus as a master and/or a slave. The LPI2C can continue operating in stop modes
provided an appropriate clock is available and is designed for low CPU overhead with
DMA offloading of FIFO register accesses. The LPI2C implements logic support for
standard-mode, fast-mode, fast-mode plus and ultra-fast modes of operation. The
LPI2C module also complies with the System Management Bus (SMBus)
Specification, version 2.
The LPI2C modules have the following features:
• Standard, Fast, Fast+ and Ultra Fast modes are supported
• High speed mode (HS) in slave mode
• High speed mode (HS) in master mode, if SCL pin implements current source
pull-up (device-specific)
• Multi-master support, including synchronization and arbitration. Multi-master
means any number of master nodes can be present. Additionally, master and slave
roles may be changed between messages (after a STOP is sent).
• Clock stretching: Sometimes multiple I2C nodes may be driving the lines at the
same time. If any I2C node is driving a line low, then that line will be low. I2C
nodes that are starting to transmit a logical one (by letting the line float high) can
Overview
K32L3A, Rev. 1, 09/2019
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com