Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 26Page - Analog Devices ADAV801ASTZ Datasheet HTML 27Page - Analog Devices ADAV801ASTZ Datasheet HTML 28Page - Analog Devices ADAV801ASTZ Datasheet HTML 29Page - Analog Devices ADAV801ASTZ Datasheet HTML 30Page - Analog Devices ADAV801ASTZ Datasheet HTML 31Page - Analog Devices ADAV801ASTZ Datasheet HTML 32Page - Analog Devices ADAV801ASTZ Datasheet HTML 33Page - Analog Devices ADAV801ASTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
ADAV801
Rev. 0 | Page 30 of 56
ADAV801 has a d
cated contro
ort to allow access to
AV801. Each of the internal
ght bits w
s reserved
these bits shoul
ACE
ontrol of the ADAV8
.
l port is
ycle of data transfer c
s. Figure 53 shows the
rmat of an SPI write
The transfer of
ata is initiated on the
ATCH. The data
resented on the first s
ents the register
rite bit.
f data are loaded to th
provided. If this bit is
h, a read operation is indicated. The contents of the register
ess are clocked ou
n on the following eight
CLKs. For a read ope
ts after the read/write
BLOCK EADS AN
The ADAV801 provides the user with the ability to write to or
read from a block of registers in one continuous operation. In
SPI mode, the CLATCH line should be held low for longer than
the 16 CCLK periods to use the block read/write mode. For a
write operation, once the LSB has been clocked into the
ADAV801 on the 16th CCLK, the register address as specified
by the first seven bits of the write operation is incremented and
the next eight bits are clocked into the next register address.
The read operation is similar. Once the LSB of a read register
operation has been clocked out, the register address is
incremented and the data from the next register is clocked out
on the following eight CCLKs. Figure 55 and Figure 56 show the
timing diagrams for the block write and read operations.
INTERFACE CONTROL
The
edi
l p
the internal registers of the AD
registers is ei
ide. Where bits are described a
(RES),
d be programmed as zero.
SPI INTERF
C
01 is via an SPI-compatible serial port
The SPI contro
a 4-wire serial control port with one
c
onsisting of 16 bit
fo
/read of the ADAV801.
d
falling edge of CL
p
even CCLKs repres
address read/w
If this bit is low, the following eight bits
o
e register address
hig
addr
t on the COUT pi
C
ration, the data bi
bits are ignored.
R
D WRITES
CLATCH
CCLK
CIN
D0
D8
D0
D14
D9
D8
COUT
D15
D9
SPI Serial Port Timing Diagram
Figure 53.
14
13
12
11
10
987
6543
210
R/W
15
ADDRESS [6:0]
DATA [7:0]
re 54. SPI C
orm
REGISTER DATA
REGISTER + 1 DATA
REGISTER + 2 DATA
Figu
ontrol Word F
at
REGISTER
R/W = 0
8 BITS
CLATCH
CIN
8 BITS
8 BITS
8 BITS
Figure 55. SPI Block Write Operation
REGISTER DATA
REGISTER + 1 DATA
REGISTER + 2 DATA
REGISTER
R/W = 1
8 BITS
8 BITS
8 BITS
8 BITS
CLATCH
CIN
DON’T CARE
C
Figure 56. SPI Block Read Operation
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com